PWLL10P-R100
AI

The **PWLL10P-R100** is a specific model of a **Power Wirewound Resistor** manufactured by components companies like *Bourns* or *RCD Components* (depending on the specific series). It is designed to handle high power loads and provide high stability in harsh environments.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications
The alphanumeric code "PWLL10P-R100" can be decoded to understand its primary electrical properties:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Wirewound Resistor | Constructed by winding metal wire on an insulating core. |
| **Resistance Value** | 0.100 $\Omega$ (100 m$\Omega$) | Indicated by "R100". This is a very low resistance value. |
| **Power Rating** | 10 Watts | Indicated by "10". Can dissipate up to 10W of heat. |
| **Tolerance** | Typically ±5% or ±10% | The allowable deviation from the nominal resistance. |
| **Mounting Style** | Radial / Vertical | The "P" often denotes a PCB pin configuration for vertical mounting. |
---
## 2. Key Features
### A. Construction
* **Core:** Usually a ceramic or fiberglass core.
* **Winding:** A resistive wire (often Nickel-Chromium) is wound around the core.
* **Coating:** Encased in a flameproof, moisture-resistant silicone or ceramic housing to protect against environmental stress.
### B. Low Inductance (LL)
The "LL" in the part number often stands for **Low Inductance**. Standard wirewound resistors act like inductors due to their coil structure. "LL" versions use a **Bifilar winding** (winding the wire in two opposite directions) to cancel out magnetic fields, making them suitable for high-frequency or switching applications.
### C. Thermal Performance
Because it is a 10W resistor, it is designed to operate at high temperatures. It is often used in "Current Sensing" or "Current Limiting" where significant current flows through the component.
---
## 3. Common Applications
Due to its low resistance ($0.1\Omega$) and high power capacity ($10W$), this part is typically used in:
1. **Current Sensing:** Measuring the voltage drop across the resistor to determine the current flowing through a circuit ($I = V/R$).
2. **Inrush Current Limiting:** Protecting power supplies from a sudden surge of electricity when first turned on.
3. **Braking Resistors:** Used in small motor control circuits to dissipate energy.
4. **Voltage Dividers:** In high-power power supply units.
---
## 4. Typical Footprint (Dimensions)
While exact dimensions vary by manufacturer, a 10W radial power resistor generally follows these physical constraints:
* **Body Length:** ~35mm to 48mm
* **Body Width:** ~10mm
* **Lead Pitch:** Varies, but usually wide enough to allow for heat dissipation on the PCB.
---
- ⤷
What is the maximum operating temperature for the PWLL10P series?
- ⤷ How does a bifilar winding reduce inductance in this resistor?
- ⤷ What are the recommended PCB layout practices for 10W power resistors?