전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PWR-1900-DC-R

  • AI
    ## Detailed Overview of the PWR-1900-DC-R The **PWR-1900-DC-R** is a specific DC power supply module designed for the **Cisco 1900 Series Integrated Services Routers (ISR)**, particularly the Cisco 1941. Unlike standard AC power supplies, this component allows the router to operate in environments where DC power is the primary source, such as telecommunications central offices or industrial sites. --- ### 1. Key Technical Specifications The following table outlines the primary electronic and physical characteristics of the module: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 24V to 60V DC (Autoranging) | | **Input Current** | 8A maximum | | **Output Power** | Approx. 150W | | **Connector Type** | Terminal Block (Euro-style) | | **Compatibility** | Cisco 1941 Series Routers | | **Form Factor** | Internal Plug-in Module (Rear-loading) | --- ### 2. Major Electronic Sub-systems The PWR-1900-DC-R consists of several critical electronic stages to ensure stable power delivery to the router's motherboard: #### A. Input Protection and Filtering * **Reverse Polarity Protection:** Prevents damage if the positive and negative DC leads are accidentally swapped. * **EMI/RFI Filtering:** Contains inductors and capacitors to filter out electromagnetic interference from the DC source and prevent the router from leaking noise back into the power grid. * **Inrush Current Limiting:** Uses thermistors or active circuits to prevent a massive spike of current when the device is first switched on. #### B. DC-to-DC Conversion (Switch-Mode) * **PWM Controller:** A Pulse Width Modulation (PWM) circuit regulates the switching frequency to maintain a constant output voltage regardless of input fluctuations (between 24V and 60V). * **Isolation Transformer:** Provides galvanic isolation between the high-current DC input and the sensitive low-voltage internal electronics. #### C. Monitoring and Safety * **Over-Voltage Protection (OVP):** Shuts down the unit if the voltage exceeds safe thresholds. * **Over-Current Protection (OCP):** Protects the power supply from internal shorts or router hardware failure. * **Thermal Sensors:** Monitors heat dissipation and may trigger a shutdown if the unit exceeds its operating temperature range (typically 0°C to 50°C). --- ### 3. Installation and Wiring The module uses a standard three-terminal connection. Below is the typical pinout logic: ```markdown 1. Positive (+) : DC Power Lead (Red/Live) 2. Negative (-) : DC Return Lead (Black/Neutral) 3. Ground (GND) : Earth/Chassis Ground (Green/Yellow) ``` --- ### 4. Comparison: AC vs. DC Modules | Feature | PWR-1941-AC | PWR-1900-DC-R | | :--- | :--- | :--- | | **Source** | 100-240V AC Wall Outlet | 24-60V DC Battery/Generator | | **Efficiency** | High (standard use) | Optimized for Telco standards | | **Redundancy** | Standard plug | Often used with -48V backup systems |
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for a -48V DC telco environment?
    • ⤷ Does the PWR-1900-DC-R support Power over Ethernet (PoE)?
    • ⤷ How do I troubleshoot a 'Power Supply Failure' LED on this specific module?