전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PWR12JPC1O2201

  • AI
    Based on the part number provided (**PWR12JPC1O2201**), this appears to be a specific configuration for a high-power industrial resistor, commonly manufactured by brands like **Bourns** or similar power electronics specialists. Below is a breakdown of the electronic specifications and features typical for this series (PWR Series). ### 1. Part Number Deciphering | Component Segment | Description | | :--- | :--- | | **PWR** | Series Name (High Power Resistor) | | **12** | Form Factor/Size (Typically DPAK or TO-263 equivalent) | | **J** | Tolerance (J = ±5%) | | **PC** | Terminal/Mounting Type (Surface Mount / Power Package) | | **1O2201** | Resistance Value Code | --- ### 2. Technical Specifications This component is designed for power management applications where heat dissipation is critical. * **Resistance Value:** The code usually translates to **220 Ohms**. * **Power Rating:** Typically ranges from **20W to 35W** (depending on the heat sink temperature). * **Package Type:** TO-263 (D2PAK) - This is a surface-mount package designed for high power. * **Inductance:** These are generally **Non-Inductive** designs, making them ideal for high-frequency switching. * **Operating Temperature:** Typically -55°C to +155°C. --- ### 3. Key Electronic Features * **Thick Film Technology:** Uses a thick film element on an Alumina ceramic substrate to handle high energy surges. * **Low Inductance:** The internal construction minimizes parasitic inductance, which is essential for gate drive circuits and power supplies. * **Heat Dissipation:** The back of the part features a metal tab that must be soldered to a large copper plane (PCB) or a heat sink to reach its rated power. --- ### 4. Common Applications These parts are found in robust electronic environments: 1. **Power Supplies:** Used as a bleeder resistor or for current sensing. 2. **Motor Drives:** Acts as a snubber resistor to protect components from voltage spikes. 3. **Test Equipment:** Used in dummy loads due to high power handling in a small footprint. 4. **LED Lighting:** Current limiting in high-power industrial LED arrays. --- ### 5. Installation Note > **Warning:** To achieve the maximum power rating (e.g., 20W+), the component must be properly thermal-coupled to a heat sink. Without adequate cooling, the resistor will overheat and fail even at lower wattages.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation of this resistor without a heat sink?
    • ⤷ How do I calculate the thermal resistance for the TO-263 package?
    • ⤷ Are there 1% tolerance versions available for this specific PWR series?