전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PWR12JPCO2201

  • AI
    The **PWR12JPCO2201** is a high-performance power resistor, typically part of a specialized series (like those produced by Bourns or similar industrial manufacturers) designed for high power density and reliability. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this component class, here are the primary technical characteristics: | Property | Specification | Details | | :--- | :--- | :--- | | **Component Type** | Power Resistor | Thick film technology | | **Resistance Value** | 220 $\Omega$ | Indicated by the "220" code | | **Tolerance** | $\pm$ 5% | Indicated by the "J" designator | | **Package / Case** | TO-220 | Transistor-style housing for heatsink mounting | | **Power Rating** | 20 Watts | Valid when properly mounted to a heatsink | | **Operating Temp** | -55°C to +155°C | Standard industrial range | --- ### 2. Physical Construction The PWR12JPCO2201 utilizes a **TO-220 package** style, which is common in power electronics. Its physical structure includes: * **Ceramic Hub:** A high-purity alumina substrate where the resistive element is deposited. * **Thick Film Element:** A resistive paste fired at high temperatures to ensure stability. * **Molded Epoxy:** An outer casing that provides environmental protection and insulation. * **Metal Tab:** A mounting hole is provided to bolt the resistor directly to a heatsink, which is critical for achieving the 20W power rating. --- ### 3. Application Use Cases This specific resistor is used in circuits where heat dissipation and high power handling are required in a small footprint: * **Snubber Circuits:** Used in switching power supplies to absorb voltage spikes. * **Current Sensing:** Low-inductance design allows for accurate measurement in high-speed circuits. * **Bleeder Resistors:** Discharging high-voltage capacitors safely after power-off. * **Motor Control:** Providing dynamic braking or current limiting for small motors. --- ### 4. Implementation Considerations ```markdown # Design Checklist 1. Thermal Paste: Always apply a thin layer of thermal grease between the resistor tab and the heatsink. 2. Derating: If used without a heatsink, the power rating drops significantly (often to < 2W). 3. Clearance: Ensure the leads are bent with proper radius to avoid stress on the ceramic internal substrate. ```
    ✨ Follow-up Questions
    • ⤷What is the maximum voltage rating for the PWR12 series?
    • ⤷ How do I calculate the required heatsink size for this 20W resistor?
    • ⤷ Are there surface-mount alternatives (SMD) to the TO-220 package?