전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PXPPVC05RAM03ACL050PVC

  • AI
    The part number **PXPPVC05RAM03ACL050PVC** refers to a high-quality industrial connectivity component, specifically an M12 circular connector cable assembly from the **Bulgin Buccaneer 4000 series** (or similar industrial M12 ranges). Below is the technical breakdown of the electronic and mechanical components of this part. ### 1. Part Number Specification Breakdown | Segment | Meaning | Description | | :--- | :--- | :--- | | **PXP** | Series Prefix | Part of the Bulgin Buccaneer industrial connector line. | | **PVC** | Cable Material | Outer jacket is made of Polyvinyl Chloride (General Purpose). | | **05** | Number of Poles | This is a **5-pin** (5-core) configuration. | | **RAM** | Connector Orientation | **Right Angle Male** connector head. | | **03** | Coding Type | **A-Coding** (Standard for sensors, actuators, and DC power). | | **ACL** | Locking Nut | Metal (Aluminum/Zinc) coupling nut for secure attachment. | | **050** | Cable Length | **5.0 Meters** in length. | | **PVC** | End Termination | Second end is usually a PVC jacketed pigtail (flying leads). | --- ### 2. Key Technical Specifications #### Electrical Characteristics * **Current Rating:** Typically 4A per contact. * **Voltage Rating:** 60V AC/DC (standard for 5-pole A-coded M12). * **Contact Resistance:** < 10 mΩ. * **Insulation Resistance:** > 100 MΩ at 500V DC. #### Mechanical & Environmental * **IP Rating:** **IP67/IP68** (Waterproof and dust-tight when mated). * **Coupling Mechanism:** M12 x 1.0 Threaded screw. * **Operating Temperature:** -25°C to +80°C (limited by PVC jacket). * **Pin Plating:** Gold-plated brass for high conductivity and corrosion resistance. --- ### 3. Application Use Cases This specific part is designed for "Set and Forget" industrial environments where space is limited, requiring a right-angle connection. * **Sensors/Actuators:** Connecting proximity switches or photoelectric sensors to a junction box. * **Industrial Automation:** PLC I/O connections in factory automation lines. * **Robotics:** Power and data transmission in compact robotic arm joints. * **Process Control:** Monitoring equipment in wash-down environments (due to the IP67 rating). --- ### 4. Wiring Diagram (Standard A-Coding 5-Pin) For a standard M12 A-coded 5-pin male connector, the typical internal wiring follows this convention: | Pin Number | Typical Wire Color | Function | | :--- | :--- | :--- | | 1 | Brown | +24V DC | | 2 | White | Input/Output 2 (Secondary) | | 3 | Blue | 0V / Ground | | 4 | Black | Input/Output 1 (Primary) | | 5 | Grey | Functional Earth / Shield | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between A-coding and B-coding for M12 connectors?
    • ⤷ Can this PVC cable be used in continuous flexing (robotic) applications?
    • ⤷ Are there alternative jacket materials for high-temperature or oil-resistant environments?