전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PXPPVC08RAM05BCL150PVC

  • AI
    The part number **PXPPVC08RAM05BCL150PVC** refers to a high-quality industrial connectivity component, specifically an **M8 Circular Connector Cable Assembly** from the Bulgin Buccaneer series. Below is a detailed breakdown of its electronic and physical specifications. --- ### 1. Part Number Breakdown | Segment | Meaning | Specification | | :--- | :--- | :--- | | **PXP** | Series | Bulgin Buccaneer standard industrial series | | **PVC** | Material | Polyvinyl Chloride (PVC) jacket/body | | **08** | Size | M8 Threaded Connector | | **RAM** | Orientation | Right Angle Male | | **05** | Pins | 5 Poles / 5 Contacts | | **BCL** | Locking | Screw-lock mechanism (B-code style) | | **150** | Length | 1.5 Meters | | **PVC** | Cable Type | PVC Insulation | --- ### 2. Technical Specifications #### Electrical Characteristics * **Current Rating:** Typically 3A per contact. * **Voltage Rating:** Rated for 30V AC/DC (standard for 5-pole M8). * **Contact Resistance:** < 10mΩ. * **Insulation Resistance:** > 100MΩ at 500V DC. #### Mechanical & Environmental * **Ingress Protection (IP):** IP67 rating (when mated), meaning it is dust-tight and protected against temporary immersion in water. * **Coupling:** M8 x 1.0 thread with a screw-locking nut. * **Body Material:** TPU/PVC. * **Contact Material:** Brass with Gold plating (ensures high conductivity and prevents oxidation). * **Operating Temperature:** -25°C to +80°C. --- ### 3. Applications This specific part is widely used in factory automation and sensor technology due to its compact size and ruggedness: 1. **Industrial Sensors:** Connecting proximity switches, photoelectric sensors, and limit switches. 2. **Actuators:** Powering small solenoid valves or motor controllers. 3. **Robotics:** Used in "end-of-arm" tooling where space is limited and right-angle cable routing is required to prevent strain. 4. **PLC Connections:** Interfacing field devices with Programmable Logic Controllers. --- ### 4. Comparison: PVC vs. PUR Jackets While this part uses **PVC**, it is important to know why this material was chosen: | Feature | PVC (This Part) | PUR (Polyurethane) | | :--- | :--- | :--- | | **Cost** | More economical | More expensive | | **Flexibility** | Moderate | High (better for constant motion) | | **Chemical Resistance** | Good for salts/acids | Excellent for oils/coolants | | **Best Use** | Static installations | Dynamic/Robotic installations |
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 5-pole M8 B-code connector?
    • ⤷ Can this cable be used in washdown environments with aggressive cleaning agents?
    • ⤷ What is the minimum bend radius for this 1.5m PVC cable?