전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PXPPVC12RAM04DCL030PVC

  • AI
    The part number **PXPPVC12RAM04DCL030PVC** follows a standardized nomenclature used for industrial sensor/actuator connectivity, specifically within the **Bulgin PXP series** (or similar M12 circular connector standards). Below is a detailed breakdown of the electronic and mechanical components of this part. --- ### Part Number Breakdown | Segment | Feature | Description | | :--- | :--- | :--- | | **PXP** | Series | Bulgin Buccaneer M12 Series (Industrial Circular) | | **PVC** | Body Material | Overmolded PVC (Polyvinyl Chloride) housing | | **12** | Size | M12 standard metric thread | | **RAM** | Orientation | Right Angle, Male connector | | **04** | Pin Count | 4 Poles (Pins) | | **DCL** | Coupling | D-Code, Screw Lock (used for Industrial Ethernet) | | **030** | Cable Length | 3.0 Meters | | **PVC** | Cable Jacket | PVC outer sheath material | --- ### Technical Specifications #### 1. Electrical Characteristics * **Current Rating:** Typically 4A per contact. * **Voltage Rating:** Up to 250V (Standard) or 60V (for D-coded Ethernet). * **Coding:** **D-Coded**. This is specifically designed for industrial networking (Ethernet/Profinet), distinguishing it from A-coded (sensor) or L-coded (power). * **Contact Resistance:** < 10 mΩ. #### 2. Mechanical & Environmental * **Ingress Protection:** IP67 / IP68 / IP69K (when mated). This makes it resistant to high-pressure washdowns and temporary submersion. * **Locking Mechanism:** M12 x 1.0 thread with vibration-resistant screw locking. * **Temperature Range:** -25°C to +80°C (depending on stationary vs. flexing application). #### 3. Material Composition * **Contacts:** Brass, Gold plated (to ensure low signal loss and prevent corrosion). * **Connector Body:** TPU/PVC Overmold. * **Cable:** 22 AWG or 24 AWG internal wiring, shielded or unshielded depending on specific factory configuration for D-code Ethernet. --- ### Typical Applications Due to the **D-Coding** and **Right-Angle** form factor, this cable is primarily used in: 1. **Industrial Ethernet:** Connecting PLCs to Hubs or Switches. 2. **Profinet/EtherCAT:** Data transmission in automated assembly lines. 3. **Space-Constrained Areas:** The Right-Angle (RAM) head allows for connections in tight cabinets where a straight cable would bend too sharply.
    ✨ Follow-up Questions
    • ⤷ What is the difference between D-coded and A-coded M12 connectors?
    • ⤷ Does this specific cable support Gigabit Ethernet speeds?
    • ⤷ What are the advantages of PVC cabling compared to PUR in industrial environments?