PXPPVC12RAM05ACL010PVC
AI

The part number **PXPPVC12RAM05ACL010PVC** refers to a high-quality industrial sensor/actuator cable assembly, typically manufactured by **Bulgin** (as part of their Buccaneer series) or similar industrial connectivity providers.
Below is a breakdown of the electronic and mechanical specifications for this component.
---
## 1. Part Number Decoder
Industrial circular connectors follow a specific nomenclature. Here is the likely breakdown for this specific code:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **PXP** | Series Prefix | Buccaneer M12 Series |
| **PVC** | Cable Material | Polyvinyl Chloride (Standard Insulation) |
| **12** | Connector Size | M12 (12mm thread) |
| **RAM** | Orientation | Right Angle, Male |
| **05** | Pin Count | 5 Poles (Pins) |
| **A** | Coding | A-Coded (Standard for Sensors/DC Power) |
| **CL** | Locking Type | Coupled Nut / Screw Lock |
| **010** | Length | 1.0 Meter |
| **PVC** | Jacket Finish | PVC Outer Jacket |
---
## 2. Electrical Characteristics
These parameters define how the part behaves within a circuit:
* **Current Rating:** Typically **4A** per contact.
* **Voltage Rating:** Usually **60V AC/DC** (Standard for 5-pole A-coded M12).
* **Contact Resistance:** $< 10 m\Omega$.
* **Insulation Resistance:** $> 100 M\Omega$ at 500V DC.
---
## 3. Physical & Mechanical Properties
### Connector Construction
* **Coupling Mechanism:** M12 x 1.0 thread. This is a "Screw-lock" mechanism ensuring the connection does not vibrate loose.
* **Contact Plating:** Usually Gold-plated brass to prevent oxidation and ensure reliable signal transmission.
* **Orientation:** **Right Angle (90°)**. This is crucial for tight spaces where a straight cable would bend excessively and fail.
### Cable Construction
* **Wire Gauge:** Typically **22 AWG** or **24 AWG**.
* **Jacket Color:** Usually Black or Grey.
* **Environmental Protection:** **IP67 or IP68** rating (when mated), making it waterproof and dust-tight for factory automation environments.
---
## 4. Common Applications
This specific cable is widely used in **Industrial Automation (Industry 4.0)** for:
1. **Sensors:** Connecting proximity, photoelectric, or ultrasonic sensors to a PLC.
2. **Actuators:** Powering small valves or motors.
3. **I/O Boxes:** Connecting field devices to M12 distribution blocks.
4. **Fieldbus:** Can be used in CANopen or DeviceNet applications (though those often prefer specific shielding).
---
- ⤷
What is the wiring color code for an A-coded 5-pin M12 connector?
- ⤷ How does a PVC jacket compare to a PUR jacket in industrial environments?
- ⤷ Is this cable shielded or unshielded?