전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PXPPVC12RAM08ACL010PVC

  • AI
    The part number **PXPPVC12RAM08ACL010PVC** refers to a high-quality industrial sensor cable assembly, typically manufactured by **Bulgin** as part of their M12 series. Below is the technical breakdown of the electronic and mechanical components of this specific part. --- ### Technical Specification Table | Feature | Specification | | :--- | :--- | | **Series** | M12 Buccaneer | | **Connector Type** | M12 Circular | | **Gender** | Male | | **Orientation** | Right Angle (90°) | | **Pin Count** | 8 Pole (8-way) | | **Coding** | A-Coded | | **Cable Length** | 1.0 Meter | | **Cable Material** | PVC (Polyvinyl Chloride) | | **Locking Mechanism** | Screw Lock (Threaded) | | **IP Rating** | IP67 / IP68 / IP69K (Waterproof) | --- ### Breakdown of the Part Number Logic * **PXP**: Prefix for the Bulgin Buccaneer series. * **PVC**: Indicates the jacket material of the cable is Polyvinyl Chloride, suitable for general-purpose industrial environments. * **12**: Represents the M12 thread size, a global standard for sensors and actuators. * **RAM**: **R**ight **A**ngle **M**ale connector orientation. * **08**: Indicates there are **8 pins** (poles) inside the connector. * **ACL**: **A-Coding**, which is the most common coding for DC sensors, actuators, and Ethernet (depending on speed). * **010**: Specifies the length of the cable, which is **1.0 Meter**. * **PVC**: Reinforces that the insulation and outer jacket are PVC. --- ### Component Details #### 1. Connector Interface (M12 A-Coded) The M12 A-Coded interface is the industry standard for automation. With 8 pins, this specific cable is often used for: * Complex sensor data (e.g., encoders). * Low-speed data transmission. * Applications where multiple signals must be sent through a single compact cable. #### 2. Right Angle (RAM) Design The 90-degree bend is crucial for applications with limited space. It prevents cable strain and allows the wire to be routed closely along the machine frame or mounting surface. #### 3. PVC Cable Jacket * **Durability:** Good resistance to moisture and basic chemicals. * **Flexibility:** Moderate flexibility, best suited for static (fixed) installations rather than continuous motion (robotic) applications. #### 4. Environmental Sealing This part is designed for harsh environments. When mated, it offers protection against dust and high-pressure water jets, making it suitable for food processing or outdoor industrial equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage and current rating for this 8-pin M12 cable?
    • ⤷ How does A-coding differ from B-coding or D-coding in M12 connectors?
    • ⤷ Is PVC suitable for environments with heavy oil exposure compared to PUR cables?