전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • QB-R5F10

  • AI
    The **QB-R5F10** series refers to the specialized **In-Circuit Emulators (ICE)** and development tools produced by Renesas Electronics. These tools are specifically designed for the **RL78/G1x** family of 16-bit microcontrollers (MCUs). --- ## 1. Core Functionality The QB-R5F10 acts as the hardware bridge between a PC (running the development environment) and the target RL78 microcontroller. Its primary roles include: * **Real-time Emulation:** Running code at the exact speed of the hardware to monitor behavior. * **Debugging:** Providing hardware breakpoints, trace functions, and memory manipulation. * **Flash Programming:** Writing the compiled binary code into the MCU’s non-volatile memory. ## 2. Key Components and Specifications The hardware kit typically consists of the emulator main unit and various interchangeable components to match specific MCU pin counts. | Component | Description | | :--- | :--- | | **Main Emulator Unit** | The "brain" (usually the QB-V850E2 or specialized RL78 unit) that handles USB communication. | | **Exchange Adapter** | A board that converts the emulator's signals to match a specific MCU package (e.g., 64-pin LQFP). | | **Space Adapter** | Used to adjust the height of the connection on the target PCB. | | **YQ Connector** | A socket-style connector that allows the emulator to plug into the footprint of the actual chip. | ## 3. Technical Features ### A. Hardware Interface * **Host Connection:** High-speed USB 2.0. * **Target Connection:** Connects via a dedicated emulation probe that mimics the physical pins of the RL78 chip. ### B. Debugging Capabilities * **Breakpoints:** Supports both hardware breakpoints (limited number) and software breakpoints (unlimited). * **Voltage Range:** Typically supports low-voltage operation (down to 1.8V), matching the RL78's low-power specifications. * **Trace Memory:** Records instruction execution history to help find the cause of intermittent crashes. ## 4. Part Number Breakdown When looking at part numbers like `QB-R5F104LE-TB`, the suffix indicates the specific target: 1. **QB:** Renesas prefix for Emulation/Development tools. 2. **R5F10:** Indicates the RL78 family. 3. **4LE:** Specific sub-series (e.g., RL78/G14) and pin count. 4. **TB:** Often denotes a "Target Board" (a simplified evaluation board). --- ## 5. Typical Development Workflow 1. **Code Entry:** Write C/C++ code in Renesas **CS+** or **e² studio**. 2. **Compilation:** Use the CC-RL compiler to generate a `.hex` or `.abs` file. 3. **Connection:** Connect the **QB-R5F10** to the target board via the probe. 4. **Emulation:** Use the IDE to "Step Into" code, monitor registers, and check for logic errors in real-time.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the QB-R5F10 emulator and the E2 Lite on-chip debugger?
    • ⤷ Which software IDEs are compatible with the QB-R5F10 hardware?
    • ⤷ How do I select the correct exchange adapter for a specific RL78 pin package?