전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • QL60A18

  • AI
    ## Analysis of the QL60A18 Component The **QL60A18** is a high-power **Three-Phase Bridge Rectifier**. It is designed to convert three-phase Alternating Current (AC) into a steady Direct Current (DC). This component is commonly found in industrial power supplies, motor controllers, and battery charging systems. --- ### Technical Specifications The alphanumeric code "60A18" typically denotes the primary electrical ratings of the device: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Model Type** | Three-Phase Bridge | Consists of six diodes in a bridge configuration. | | **Max Average Forward Current ($I_{F(AV)}$)** | **60 Amps** | The maximum continuous DC current the device can handle. | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | **1800 Volts** | The maximum voltage the device can block in the reverse direction. | | **Phase Count** | 3-Phase | Designed for 3-wire AC input. | | **Mounting Type** | Chassis Mount | Usually features a metal base for heat sink attachment. | --- ### Internal Circuitry A three-phase bridge rectifier contains six power diodes. They are arranged in three pairs (legs), where each leg handles one phase of the incoming AC signal. ```mermaid graph LR A[Phase L1] --> D1[Diode 1] A --> D2[Diode 2] B[Phase L2] --> D3[Diode 3] B --> D4[Diode 4] C[Phase L3] --> D5[Diode 5] C --> D6[Diode 6] D1 & D3 & D5 --> P[DC Positive +] D2 & D4 & D6 --> N[DC Negative -] ``` --- ### Key Features 1. **High Thermal Conductivity:** The internal chips are electrically isolated from the metal base plate, allowing for direct mounting on a heat sink. 2. **Vacuum + Hydrogen Protection:** Most modules are welded using a vacuum protection technique to prevent oxidation and ensure longevity. 3. **Low Forward Voltage Drop:** Designed to minimize power loss during the conduction phase. 4. **Durability:** Built to withstand high surge currents ($I_{FSM}$) during startup. ### Common Applications * **Inverters:** Converting AC to DC for variable frequency drives (VFDs). * **DC Power Supplies:** Industrial grade power rectification. * **Welding Equipment:** Providing steady DC current for arc welding. * **Battery Chargers:** Large scale industrial battery banks. --- ### Installation Precautions * **Heat Dissipation:** Because it handles 60A, it generates significant heat. Thermal paste (silicon grease) **must** be applied between the module and the heat sink. * **Voltage Margin:** The 1800V rating provides a safety buffer against voltage spikes in 380V or 480V systems. * **Torque:** Ensure terminal screws are tightened to the manufacturer's specified torque to prevent arcing due to loose connections.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the QL60A18 and a single-phase bridge rectifier?
    • ⤷ How do I test a QL60A18 using a digital multimeter?
    • ⤷ What size heat sink is recommended for a 60A continuous load?