AI

## Technical Overview of the Square D QO2125VH
The **QO2125VH** is a high-performance miniature circuit breaker manufactured by Schneider Electric under the Square D brand. It is designed for use in QO load centers, panelboards, and interior structures.
### Key Specifications
The following table outlines the core electrical and physical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Miniature Circuit Breaker |
| **Poles** | 2-Pole (Common Trip) |
| **Current Rating** | 125 Amperes |
| **Voltage Rating** | 120/240 V AC |
| **Interrupt Rating (AIR)** | 22,000 Amperes (22kA) |
| **Mounting Type** | Plug-on |
| **Wire Size Range** | #4 to 2/0 AWG (Al/Cu) |
| **Certification** | UL Listed, CSA Certified |
---
### Internal Electronic and Mechanical Components
While the QO2125VH is primarily an **electromechanical** device rather than a solid-state electronic one, its internal logic for circuit protection relies on two key physical principles:
#### 1. Thermal-Magnetic Trip Mechanism
* **Thermal Protection (Bimetal Strip):** This component handles sustained overloads. As current flows through the bimetal strip, it heats up. If the current exceeds 125A for a specific duration, the strip bends enough to mechanically release the latch and trip the breaker.
* **Magnetic Protection (Electromagnet):** This handles instantaneous short circuits. In the event of a high-current fault, an internal electromagnetic coil generates a force strong enough to pull the trip armature immediately, providing a near-instantaneous response to protect the wiring.
#### 2. Visi-Trip™ Indicator
A signature feature of the QO line is the visual signaling component. When the breaker trips, a highly visible **red mechanical indicator** appears in a window on the face of the breaker. This allows users to distinguish between a breaker that has been manually turned off and one that has tripped due to a fault.
#### 3. High Interrupting Capacity (VH Rating)
The "VH" suffix signifies "Very High" interrupting capacity. Standard QO breakers typically have a 10kA rating. The QO2125VH is engineered with reinforced internal arc chutes and heavy-duty contacts to safely extinguish an electric arc of up to **22,000 amps** without the housing exploding or failing.
---
### Connection and Compatibility
* **Plug-On Design:** Uses the patented Square D plug-on connection to the bus bar, ensuring a high-pressure, low-resistance connection.
* **Pressure Plate Terminals:** The load-side terminals use a box-lug design with a pressure plate to ensure secure contact with large-gauge conductors (up to 2/0 AWG).
- ⤷
What is the difference between the QO2125 and the QO2125VH?
- ⤷ Can this breaker be used in a standard residential QO load center?
- ⤷ What is the recommended torque setting for the wire terminals on this model?