전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • QO2125VH1021

  • AI
    The **QO2125VH1021** is a specialized high-performance Miniature Circuit Breaker (MCB) manufactured by Square D (Schneider Electric). It is part of the QO (Quick-Open) product line, known for its reliability in residential, commercial, and industrial electrical panels. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Square D (Schneider Electric) | | **Product Range** | QO (Plug-on type) | | **Amperage Rating** | 125 Amperes | | **Voltage Rating** | 120/240 V AC | | **Number of Poles** | 2-Pole | | **Interrupt Rating (AIR)** | 22,000 Amps (22 kA) | | **Mounting Style** | Plug-On | | **Circuit Breaker Type** | Standard with High Interrupting Capacity | --- ### 2. Breakdown of the Model Code To understand the electronic and mechanical nature of this part, we can deconstruct the model number: * **QO:** Represents the QO family, which utilizes a unique "Visible Trip" indicator (Visi-Trip) that shows a red flag when the breaker has tripped. * **2:** Indicates the number of poles (this is a double-pole breaker used for 240V circuits). * **125:** The continuous current rating in Amperes. * **VH:** Stands for **"Very High"** interrupting capacity. While standard QO breakers often have a 10kA rating, the VH suffix indicates a **22kA** rating, allowing it to handle much higher fault currents without exploding or failing. * **1021:** This suffix typically denotes specific packaging or secondary features (such as a shunt trip or specific factory-installed accessories), but in standard distribution, it identifies the specific sub-series or wire terminal configuration. --- ### 3. Electronic & Mechanical Features #### A. Visi-Trip™ Indicator One of the most distinct electronic/mechanical features is the red window. When the breaker trips due to a fault, a mechanical flag pops into a viewing window, allowing the user to distinguish between a "switched off" breaker and a "tripped" breaker at a glance. #### B. Thermal-Magnetic Protection This breaker uses a dual-protection mechanism: 1. **Thermal Protection:** Uses a bimetal strip that bends when heated by a sustained overload, eventually triggering the trip mechanism. 2. **Magnetic Protection:** Uses an internal electromagnetic coil that reacts instantaneously to short circuits. #### C. High Interrupting Rating (22kA) The "VH" designation is critical for electrical safety in systems located close to high-capacity transformers. It ensures the internal components can safely extinguish an electrical arc of up to 22,000 amps. ### 4. Application Because of its **125A** rating and **2-pole** configuration, this breaker is typically used as: * A **Main Breaker** for a small sub-panel. * A dedicated circuit for high-load machinery (HVAC units, large electric heaters, or EV charging stations). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a QO and a QOB circuit breaker?
    • ⤷ Can this breaker be used in a standard residential NQ panel?
    • ⤷ What wire gauge is required for a 125A QO breaker?