전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • QTLP601C-R

  • AI
    ## Overview of QTLP601C-R The **QTLP601C-R** is a surface-mount technology (SMT) Light Emitting Diode (LED) manufactured by ON Semiconductor (formerly Fairchild). It belongs to the 0603 package size category, which is widely used in compact electronic devices for status indication and backlighting. --- ### Technical Specifications | Parameter | Value / Detail | | :--- | :--- | | **Package Type** | 0603 (1.6mm x 0.8mm x 0.6mm) | | **Color** | Red | | **Dominant Wavelength** | 630 nm | | **Luminous Intensity** | 5.0 mcd (Typical) | | **Forward Voltage ($V_f$)** | 2.0V (Typical) / 2.4V (Max) | | **Forward Current ($I_f$)** | 20 mA | | **Viewing Angle** | 100° | | **Lens Style** | Water Clear | --- ### Internal Structure and Materials The device is built using **AlGaAs** (Aluminum Gallium Arsenide) or **GaAsP** (Gallium Arsenide Phosphide) technology, depending on the specific red sub-variant, designed for high reliability and consistent brightness. * **Anode/Cathode:** The bottom of the package features gold-plated solder pads. * **Encapsulation:** Clear epoxy resin protects the LED die while allowing maximum light output. * **Polarity:** A green mark or notch on the bottom of the PCB substrate typically indicates the **Cathode (-)** side. --- ### Typical Circuit Application When integrating the QTLP601C-R into a circuit, a current-limiting resistor is required to prevent burnout. **Example Calculation:** If using a 5V supply and seeking a standard 20mA current: $R = \frac{V_{source} - V_f}{I_f} = \frac{5V - 2.0V}{0.02A} = 150 \Omega$ ```c // Circuit Schematic Representation [VCC 5V] --- [Resistor 150 Ohm] --- [Anode (+) LED Cathode (-)] --- [GND] ``` --- ### Key Features 1. **Small Footprint:** Ideal for high-density circuit boards. 2. **Wide Viewing Angle:** The 100-degree spread ensures visibility from off-axis positions. 3. **Automated Assembly:** Compatible with standard IR reflow soldering processes and automatic placement equipment.
    ✨ Follow-up Questions
    • ⤷ What are the alternative color options available in the QTLP601C series?
    • ⤷ How does the luminous intensity change if the forward current is reduced to 5mA?
    • ⤷ What is the recommended solder reflow profile for this 0603 LED?