전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R-78T12-1.0SLASHAL-R

  • AI
    The **R-78T12-1.0/AL-R** is a high-efficiency switching regulator (DC/DC converter) manufactured by **RECOM Power**. It is designed as a modern, high-performance replacement for traditional linear regulators like the LM7812. --- ### ## Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 15V to 42V DC | | **Output Voltage** | 12V DC | | **Output Current** | 1.0 Amp (1000mA) | | **Efficiency** | Up to 95% | | **Mounting Type** | Surface Mount (SMD) | | **Package Type** | AC-Type (LGA/SMD style) | | **Operating Temperature** | -40°C to +85°C | --- ### ### Key Features and Breakdown #### 1. Part Number Decoding * **R-78:** The series name (Switching Regulators). * **T:** Represents the "Tiny" or SMD package format. * **12:** Indicates the fixed **12V** output voltage. * **1.0:** Indicates the maximum output current of **1.0 Amp**. * **AL:** Refers to the specific pinning/mounting configuration (often LGA). * **R:** Indicates **Tape & Reel** packaging for automated assembly. #### 2. Efficiency vs. Linear Regulators Unlike a standard 7812 linear regulator, which dissipates excess voltage as heat, this switching regulator uses pulse-width modulation (PWM). * **Thermal Management:** Because it is ~95% efficient, it requires **no heat sink**, even when converting 42V down to 12V at full load. * **Energy Savings:** Ideal for battery-powered applications where power conservation is critical. #### 3. Protections The module is integrated with several safety features to protect the rest of the circuit: * **Short Circuit Protection:** Continuous, with automatic recovery. * **Over-Temperature Shutdown:** Prevents damage if the ambient temperature exceeds limits. * **Low Standby Current:** Consumes very little power when idle. --- ### ### Common Applications * **Industrial Automation:** Powering 12V sensors from a 24V or 36V bus. * **Battery Systems:** Regulating fluctuating battery voltages (e.g., Lead-acid or Li-ion packs). * **IoT Devices:** Providing stable power in a compact footprint without thermal issues. * **Point-of-Load (PoL) Regulation:** Stepping down higher rail voltages directly at the chip location. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'AL' and 'AC' suffixes in the R-78 series?
    • ⤷ Can this regulator be used with an AC input or only DC?
    • ⤷ How does the footprint of the R-78T compare to a standard TO-220 package?