전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R-7Z1Z1-R

  • AI
    The **R-7Z1Z1-R** is a specific type of high-performance power cable commonly used in industrial environments, data centers, and infrastructure projects where fire safety and electromagnetic compatibility (EMC) are critical. Here is a breakdown of its electronic components and structural design. --- ### 1. Structural Breakdown of R-7Z1Z1-R The name follows a standardized coding system for cables. Each character represents a specific layer or material property: | Code Part | Description | Function | | :--- | :--- | :--- | | **R** | Flexible Copper Conductor | Provides the path for electrical current; Class 5 flexibility. | | **7** | 0.6/1 kV Voltage Rating | Defines the insulation's ability to handle low-voltage power. | | **Z1** | LSZH Polyolefin Insulation | First layer of insulation (Low Smoke Zero Halogen). | | **Z1** | LSZH Polyolefin Outer Sheath | Final outer protective jacket (Low Smoke Zero Halogen). | | **-R** | Rigid/Circular Conductor | Indicates the core shape (usually stranded circular). | --- ### 2. Key Electronic & Material Features #### A. Conductor (The "R") * **Material:** Electrolytic Annealed Copper. * **Electronic Role:** High conductivity ensures minimal voltage drop over long distances. The "Class 5" flexibility allows the cable to be routed through tight bends without damaging the internal metallic structure. #### B. Insulation & Sheath (The "Z1Z1") * **Dielectric Strength:** The Z1 (Polyolefin) material provides high dielectric resistance, preventing arcing between phases. * **Fire Performance:** These are **LSZH** (Low Smoke Zero Halogen). In the event of a short circuit or external fire, they do not emit toxic halogen gases (like Chlorine) and produce very little smoke, protecting both human life and sensitive electronic equipment from corrosion. #### C. Electrical Specifications | Property | Typical Value | | :--- | :--- | | **Nominal Voltage ($U_0/U$)** | 600 / 1000 Volts (0.6/1 kV) | | **Test Voltage** | 3,500 Volts AC | | **Max Conductor Temp** | 90°C (Normal operation), 250°C (Short circuit) | | **Minimum Bending Radius** | 5 x Diameter (Fixed installation) | --- ### 3. Application Scenarios Because of its "Z1Z1" fire rating and robust "7" voltage class, this cable is used in: 1. **Public Spaces:** Airports, hospitals, and tunnels where smoke density must be kept low. 2. **Industrial Control:** Powering motors and heavy machinery where a 1kV rating is required. 3. **Data Centers:** Connecting Power Distribution Units (PDUs) to server racks. --- ### 4. Technical Comparison | Feature | Standard PVC Cable | R-7Z1Z1-R | | :--- | :--- | :--- | | **Halogen Content** | High (Toxic) | Zero (Safe) | | **Smoke Production** | High / Opaque | Very Low / Transparent | | **Corrosivity** | High (Acidic) | None | | **Operating Temp** | 70°C | 90°C |
    ✨ Follow-up Questions
    • ⤷ What is the difference between Z1 and Z1-K in cable naming conventions?
    • ⤷ How does LSZH material prevent corrosion in nearby electronic circuits during a fire?
    • ⤷ What are the specific installation requirements for 0.6/1 kV cables in industrial trays?