전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R1-DK-R

  • AI
    The **R1-DK-R** (often associated with the **Unitree R1** or specific industrial robotic development kits) refers to a specialized controller or development platform designed for robotics. Below is a breakdown of the typical electronic components found in such hardware. ### 1. Core Processing Unit The heart of the R1-DK-R is usually a high-performance system-on-chip (SoC) or an embedded PC module capable of handling real-time motion control and sensor fusion. | Component | Description | | :--- | :--- | | **Main CPU** | Often an ARM-based processor (like a Rockchip or NVIDIA Jetson module) for high-level logic. | | **MCU** | Microcontrollers (like STM32) dedicated to low-level PWM generation and motor feedback. | | **NPU/GPU** | Neural Processing Units for edge AI tasks like object recognition or obstacle avoidance. | --- ### 2. Communication Interfaces To interact with external sensors and actuators, the board features several industrial-standard ports: * **CAN Bus (Controller Area Network):** Used for high-speed, reliable communication with motor drivers. * **Ethernet Port:** For high-bandwidth data transfer, often used to connect to a master PC or LIDAR. * **USB 3.0/Type-C:** For peripherals such as depth cameras (RealSense) or debugging. * **GPIO Pins:** General Purpose Input/Output for custom sensors or triggers. --- ### 3. Power Management System Robotic controllers require stable power distribution to protect sensitive electronics from motor back-EMF (Electro-Motive Force). | Part | Function | | :--- | :--- | | **Voltage Regulators** | Converts battery voltage (usually 24V-48V) down to 5V or 3.3V for logic circuits. | | **Protection Circuits** | Over-current and over-voltage protection to prevent board burnout during motor stalls. | | **Battery Management (BMS) Interface** | Communicates with the smart battery to monitor cell health and SOC (State of Charge). | --- ### 4. Integrated Sensors While external sensors are common, the "DK" (Development Kit) usually includes onboard telemetry: * **IMU (Inertial Measurement Unit):** A 6-axis or 9-axis sensor (Gyroscope + Accelerometer) used for orientation and balance. * **LED Indicators:** Diagnostic lights to show power status, error codes, or connectivity. --- ### Summary Table: Hardware Specifications | Feature | Typical Specification | | :--- | :--- | | **Input Voltage** | 12V - 36V DC | | **Operating Temp** | -10°C to 60°C | | **Connectivity** | Wi-Fi 6 / Bluetooth 5.0 / Ethernet | | **Firmware Support** | ROS / ROS2 (Robot Operating System) | ---
    ✨ Follow-up Questions
    • ⤷What is the specific pinout for the CAN interface on the R1-DK-R?
    • ⤷ Which SDK is required to program the R1-DK-R controllers?
    • ⤷ How do I update the firmware on the onboard MCU?