R10-R1X2DC
AI

The **R10-R1X2DC** is a specific part number typically associated with **Potter & Brumfield (TE Connectivity)** series of industrial relays. It belongs to the R10 family, which is renowned for its versatility and multi-pole configurations.
---
### 1. Breakdown of Part Numbering
Understanding the alphanumeric code helps identify the specific electronic characteristics of the component:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **R10** | Series Name | General-purpose, multi-pole cradle-style relay. |
| **R** | Mounting/Terminal | Typically indicates PC board terminals or specific socket mounts. |
| **1** | Contact Arrangement | Denotes the number of poles (e.g., 1-pole). |
| **X** | Contact Form | Usually indicates Form X (Double Make) or a specific SPST configuration. |
| **2** | Contact Rating | Refers to the amperage/material (e.g., 2 Amps or 5 Amps). |
| **DC** | Coil Voltage Type | Indicates the relay is driven by Direct Current. |
---
### 2. Key Technical Specifications
While specific values can vary slightly by manufacturer batch, the standard R10-R1X2DC specifications include:
* **Coil Voltage:** Standard DC operating voltages (commonly 5V, 12V, or 24V depending on the suffix).
* **Contact Configuration:** Single Pole, Single Throw (SPST) or Double Make depending on the "X" designation.
* **Switching Capacity:** Generally rated for low to medium power (up to 5A at 120VAC or 30VDC).
* **Dielectric Strength:** Usually 500V rms between open contacts and 1000V rms between all other elements.
* **Mounting Type:** Through-hole (PCB) or plug-in socket.
---
### 3. Internal Components & Materials
The relay consists of several critical electronic and mechanical parts:
* **Electromagnetic Coil:** Copper winding that creates a magnetic field when DC current is applied.
* **Armature:** The moving metal part that is pulled by the magnetic field to close the circuit.
* **Contacts:** Often made of **Silver-Cadmium Oxide** or **Gold-flashed Silver** to prevent oxidation and ensure low contact resistance.
* **Return Spring:** Ensures the contacts return to their default state (Normally Open) once power is removed from the coil.
---
### 4. Common Applications
Due to its compact size and reliable switching, this part is found in:
1. **Industrial Controls:** Logic switching and signal routing.
2. **Test Equipment:** Automated testers where multiple signals need to be isolated.
3. **Medical Devices:** Control boards requiring reliable mechanical isolation.
- ⤷
What is the specific coil resistance for the 12V version of this relay?
- ⤷ Can this relay be used for AC load switching?
- ⤷ What are the compatible sockets for the R10 series?