전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R10S-R1X1AC

  • AI
    The **R10S-R1X1AC** is a specific variant of the **Potter & Brumfield (TE Connectivity) R10 series** relay. These are versatile, multi-contact relays frequently used in industrial control panels, communication equipment, and vintage audio or logic circuits. Below is the technical breakdown of its electronic parts and specifications. --- ## 1. Specifications Table | Feature | Specification | | :--- | :--- | | **Relay Family** | R10 Series | | **Contact Arrangement** | 1 Form C (SPDT - Single Pole Double Throw) | | **Coil Input** | Sensitive DC (indicated by the "S" suffix) | | **Coil Resistance** | Typically ~1,000 to 2,500 Ω (varies by sub-batch) | | **Contact Material** | Fine Silver (Standard) | | **Mounting Style** | Socket / Plug-in (with clear plastic dust cover) | | **Terminal Type** | Solder or Plug-in terminals | --- ## 2. Part Number Breakdown Understanding the specific "R1X1AC" code reveals the internal construction: * **R10S**: The base model. The **"S"** denotes a **Super Sensitive** coil, meaning it requires very low power (milliwatts) to trigger compared to standard R10 models. * **R1**: Defines the **Contact Material and Rating**. "R1" typically refers to fine silver contacts rated for low to medium-level switching (approx. 2A to 5A). * **X**: Indicates the **Mounting and Termination**. This suffix points to the standard plug-in arrangement compatible with R10 sockets. * **1**: Refers to the **Contact Arrangement**. "1" signifies a Single Pole (1 Form C). * **AC**: This is the **Coil Sensitivity/Voltage** designator. In the R10 series, "AC" often maps to a specific resistance range used in sensitive DC circuits. --- ## 3. Internal Components ### A. The Magnetic Coil (The "S" Component) The core of the R10S is a high-impedance coil wound with fine copper wire. Because it is a "Sensitive" type, the coil has more windings than a standard relay, allowing it to generate a sufficient magnetic field from a very low current. This makes it ideal for use with transistor-driven circuits or sensors. ### B. The Contact System * **Armature:** A balanced mechanical lever that moves when the coil is energized. * **Contacts:** Made of fine silver, designed for high conductivity. In a "Form C" configuration, there is one Common (COM) pin, one Normally Closed (NC), and one Normally Open (NO). ### C. The Housing * **Polycarbonate Cover:** A clear "dust cover" that allows visual inspection of the contacts while protecting the delicate internal spring mechanism from debris. --- ## 4. Common Applications * **Vacuum Tube Circuits:** Due to the sensitive coil, these are often found in vintage tube gear where drive current is limited. * **Logic Interfacing:** Used to allow low-power microcontrollers or sensors to switch higher-power loads (motors, lights). * **Industrial Replacement:** Maintenance of older factory control boards that specifically require the R10 footprint.
    ✨ Follow-up Questions
    • ⤷What is the maximum switching voltage for the R10S-R1X1AC contacts?
    • ⤷ Can this relay be mounted directly to a PCB or does it require a socket?
    • ⤷ How does the 'Sensitive' coil power requirement compare to a standard R10 relay?