전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R10S-R1X2AC

  • AI
    Based on the part number **R10S-R1X2AC**, this describes a specific configuration of a **Potter & Brumfield (TE Connectivity) R10 Series Relay**. This series is a versatile, low-profile multi-contact relay used in industrial control and signal switching. --- ## 1. Technical Specification Breakdown The alphanumeric code identifies the physical and electrical characteristics of the relay: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Series** | **R10** | Low-profile relay series (Potter & Brumfield). | | **Sensitivity** | **S** | Super Sensitive (requires very low coil power). | | **Mounting** | **R** | Solder terminals / Plug-in (usually for socket mounting). | | **Contact Form** | **1** | 1-Pole (SPDT) arrangement. | | **Coil Resistance** | **X2** | Internal code for 2,500 Ohms (approx. 24V DC coil). | | **Contact Rating** | **AC** | 2 Amp Gold-flashed Silver contacts. | --- ## 2. Key Electronic Components ### A. The Coil (The "S" and "X2" attributes) * **Sensitivity:** The "S" designation indicates a highly sensitive coil, typically requiring only **40mW to 100mW** to actuate. This allows the relay to be driven directly by low-power transistors or integrated circuits without overheating. * **Resistance:** The **2,500 Ohm** coil is optimized for low-current applications, typically operating at a nominal voltage of **24V DC**. ### B. Contact System (The "AC" attribute) * **Material:** Gold-flashed silver. The gold plating prevents oxidation during storage and is ideal for "dry circuit" (low signal) switching, while the silver core handles the actual current load once the gold wears off under higher loads. * **Rating:** Rated for **2 Amps** at 120VAC or 28VDC. * **Configuration:** Single Pole Double Throw (SPDT / 1 Form C). ### C. Mechanical Housing * **Enclosure:** Usually clear polycarbonate dust cover, allowing visual inspection of the contacts. * **Terminal Type:** Solder/Plug-in terminals designed for either direct wiring or insertion into a P&B R10-series socket. --- ## 3. Applications Due to its high sensitivity and reliable contact material, this part is commonly found in: 1. **Telecommunications:** Signal routing and switching. 2. **Control Systems:** Interfacing low-power logic circuits with higher-power actuators. 3. **Medical Equipment:** Where low power consumption and high reliability are critical. 4. **Legacy Audio Gear:** Used in vintage signal processing units. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating voltage for the R10S-R1X2AC contacts?
    • ⤷ Are there specific sockets recommended for mounting this R10 relay?
    • ⤷ How does the 'Super Sensitive' coil compare to the standard R10 coil in terms of power consumption?