전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R10S-R1X3AC

  • AI
    ## Understanding the R10S-R1X3AC The **R10S-R1X3AC** is a specific part number belonging to the **Potter & Brumfield (TE Connectivity) R10 Series**. This is a versatile, multi-contact electromechanical relay known for its compact size and wide range of configurations. --- ### 1. Part Number Breakdown To understand the electronic capabilities, we must decode the alphanumeric suffix: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Series** | **R10** | Low profile, multi-contact relay. | | **Sensitivity** | **S** | Super-Sensitive (High-sensitivity DC coil). | | **Mounting** | **R** | Terminals for plug-in or solder (usually fits a specific socket). | | **Contact Arrangement** | **1** | 1 Form C contact (Single Pole Double Throw - SPDT). | | **Coil Resistance** | **X3** | Indicates the specific coil resistance (typically 500 to 1,000 Ohms range). | | **Contact Rating** | **AC** | Refers to the contact material/rating (Gold-flashed Silver). | --- ### 2. Key Electronic Specifications The "S" designation indicates this relay is designed for low-power operation, making it ideal for transistor-driven circuits. #### A. Coil Characteristics * **Sensitivity:** Approximately 20mW to 100mW depending on the specific voltage. * **Input Type:** DC (Direct Current). * **Power Consumption:** Very low, allowing it to be triggered by weak signals. #### B. Contact Data * **Configuration:** SPDT (1 Form C). * **Current Rating:** Typically up to 2 Amps or 5 Amps (depending on the specific AC/DC load). * **Material:** Gold-flashed Silver, which prevents oxidation and is suitable for "dry circuit" (low signal) switching. #### C. Mechanical/Physical * **Package:** Clear polycarbonate dust cover. * **Terminals:** Solder/Plug-in pins arranged in a grid pattern. --- ### 3. Common Applications Due to its high sensitivity and reliable switching, the R10S-R1X3AC is frequently used in: 1. **Communications Equipment:** For signal routing where minimal power is available. 2. **Industrial Controls:** As an interface between logic-level sensors and higher-power actuators. 3. **Medical Electronics:** Where space and power efficiency are critical. 4. **Test & Measurement:** Switching between different measurement probes. --- ### 4. Technical Comparison | Feature | R10S (Sensitive) | R10 (Standard) | | :--- | :--- | :--- | | **Coil Power** | ~40-100 mW | ~500-900 mW | | **Switching Speed** | Generally slower (due to low power) | Faster | | **Ideal Driver** | Small signal transistors/IC | Power transistors / Darlington pairs |
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage rating for the X3 variant?
    • ⤷ Can the R10S-R1X3AC be mounted directly to a PCB?
    • ⤷ What is the maximum switching voltage for the AC contact type?