전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R10S-R2W1DC

  • AI
    The **R10S-R2W1-DC** belongs to a specific series of sensitive, multi-contact relay modules, typically manufactured by companies like **TE Connectivity (Potter & Brumfield)**. Below is a breakdown of the electronic specifications and components of this part. ### 1. General Specifications The R10 series is known for its versatility in low-power switching applications and its high sensitivity. | Feature | Specification | | :--- | :--- | | **Model Type** | R10S (Sensitive DC Input) | | **Coil Voltage** | DC (Determined by the suffix, typically 5V - 48V) | | **Contact Arrangement** | 2 Form W (2 Pole, Double Make/Break) | | **Mounting Style** | Plug-in / Through-hole | | **Max Contact Current** | 2 Amps (General purpose) | --- ### 2. Detailed Electronic Components #### A. The Coil (S - Sensitive) The "S" designation indicates a **Sensitive DC Coil**. * Unlike standard relays that require significant power to actuate, sensitive coils operate on very low milliwatt (mW) power levels. * This makes them suitable for direct interfacing with transistor circuits or IC outputs that cannot provide high current. #### B. Contact Configuration (2W) The **2W1** suffix describes the physical poles and throws: * **2:** Two independent sets of contacts (DPDT or DPST). * **W:** Indicates a specific contact material (often silver-cadmium oxide or gold-flashed silver) designed for reliable low-level to medium switching. * **Contact Rating:** Typically rated for 2A at 28VDC or 120VAC. #### C. Enclosure and Protection * **Dust Cover:** These units usually come with a clear polycarbonate (plastic) cover to protect the mechanical linkages from environmental debris while allowing for visual inspection of the contact state. * **Terminals:** Solder or plug-in terminals, often arranged in a "Cradle" relay format. --- ### 3. Applications Due to the sensitivity and reliability of the R10S series, it is commonly found in: 1. **Telecommunications:** Signal routing and line switching. 2. **Logic Control:** Interfacing between microcontrollers and high-voltage actuators. 3. **Medical Equipment:** Reliable low-power switching. 4. **Audio Equipment:** Signal bypass or input selection where low noise is required. --- ### 4. Technical Pinout (Typical) *Note: Always verify with the specific datasheet for your manufacture year.* ```text [ Top View ] (1) (2) (3) <- Contacts Set 1 (4) (5) (6) <- Contacts Set 2 (A) (B) <- Coil Terminals ```
    ✨ Follow-up Questions
    • ⤷ What is the exact coil resistance for the DC voltage version you are using?
    • ⤷ Does this relay require a specific socket
    • ⤷ or can it be soldered directly to a PCB?
    • ⤷ What are the alternatives if the R10S series is obsolete?