전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R10S-R2X2DC

  • AI
    The **R10S-R2X2DC** is a specialized, multi-pole electromechanical relay manufactured by **TE Connectivity / Potter & Brumfield**. It is commonly used in industrial control systems, communication equipment, and dry-circuit switching applications. --- ## 1. Core Technical Specifications The part number follows a specific nomenclature that defines its electronic capabilities: | Feature | Specification | | :--- | :--- | | **Contact Arrangement** | 2 Form C (DPDT - Double Pole Double Throw) | | **Coil Voltage** | 12V DC to 24V DC (varies by specific sub-model) | | **Contact Current Rating** | Low Level to 2 Amps | | **Mounting Type** | Through Hole / Socketable | | **Terminal Style** | Solder/Plug-in | | **Contact Material** | Gold-plated Silver or Silver-Cadmium Oxide | --- ## 2. Key Electronic Components ### A. The Coil System (Input Side) The "S" in the series prefix often denotes a **Sensitive** coil. These relays are designed to actuate using very low power (milliwatts). This makes them ideal for circuits driven directly by transistors or integrated circuits without needing high-power buffers. ### B. The Contact System (Output Side) * **DPDT Configuration:** It features two independent sets of "Common," "Normally Open," and "Normally Closed" contacts. * **Wiping Action:** The internal mechanical design often includes a slight "wipe" movement when closing, which helps break through oxidation—crucial for low-signal integrity. ### C. Physical Housing * **C-Style Case:** The "C" at the end typically refers to the **Clear Plastic Dust Cover**. This allows technicians to visually inspect the state of the contacts and the movement of the armature during troubleshooting. --- ## 3. Typical Application Schematic When integrating this part into an electronic circuit, it is usually configured as follows: ```cpp [Control Signal] ---> [Flyback Diode] || [Relay Coil] ---> [Ground] | | (Protects against (Actuates Inductive Spike) Contacts) ``` --- ## 4. Why Use This Specific Part? 1. **Versatility:** It can switch two different signals simultaneously (e.g., power and a status LED). 2. **Low Power Consumption:** Because it is a sensitive relay, it generates very little heat. 3. **Isolation:** It provides high galvanic isolation between the low-voltage control side and the switching side.
    ✨ Follow-up Questions
    • What is the exact coil resistance for the R10S-R2X2DC model?
    • How does the 'Sensitive' coil differ from a standard R10 series relay?
    • What are the common footprints or sockets used for mounting this relay?