전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R110-R

  • AI
    The **R110-R** typically refers to a specific series of industrial-grade **DIN Rail Enclosures** or **Polycarbonate/ABS Junction Boxes** (often manufactured by brands like Hammond or Rose). While the "R110-R" itself is the physical housing, its electronic context involves how it protects sensitive components and the specific accessories used for internal mounting. --- ### 1. Technical Specifications of the Enclosure The housing is designed to protect electronic circuitry from environmental hazards. | Feature | Specification (Standard R110-R) | | :--- | :--- | | **Material** | Polycarbonate (UV Stabilized) or ABS Plastic | | **Protection Rating** | IP66 / NEMA 4, 4X (Dust-tight, Water-jet proof) | | **Mounting Type** | DIN Rail or Wall Mount | | **Temperature Range** | -40°C to +120°C (Polycarbonate versions) | | **Flammability** | UL 94 V-0 or V-2 rated | --- ### 2. Internal Electronic Parts & Components When building a system inside an R110-R, the following electronic parts are commonly integrated: #### A. Power Supply & Conversion * **DIN Rail PSU:** Small switching power supplies (e.g., 24VDC) are often snapped into the internal rail. * **Voltage Regulators:** Buck/Boost converters to step down power for microcontrollers. #### B. Control & Processing * **PLCs (Programmable Logic Controllers):** Compact controllers like the Siemens Logo! or Arduino Opta. * **PCB Boards:** Custom printed circuit boards mounted via internal bosses (threaded screw holes). #### C. Connectivity & Interface * **Terminal Blocks:** Used for organizing wire inputs and outputs (I/O). * **Cable Glands:** These are "electronic-adjacent" parts screwed into the pre-marked knockouts to maintain the IP66 seal while passing wires through. --- ### 3. Electronic Assembly Features The R110-R is designed with specific features to facilitate electronic installation: 1. **Integrated Mounting Bosses:** These are molded plastic standoffs with brass inserts for securing PCBs without drilling through the exterior. 2. **Gasket Seals:** A silicone or neoprene gasket provides EMI/RFI shielding (if conductive) and environmental sealing. 3. **Recessed Front:** Allows for the installation of membrane keypads or transparent covers to view LED status indicators. --- ### 4. Typical Code for Internal Monitoring If the enclosure contains an environmental monitor (e.g., DHT22 sensor), a simple monitoring script might look like this: ```python import Adafruit_DHT sensor = Adafruit_DHT.DHT22 pin = 4 # GPIO Pin inside the R110-R housing humidity, temperature = Adafruit_DHT.read_retry(sensor, pin) if humidity is not None and temperature is not None: print(f'Temp={temperature:0.1f}*C Humidity={humidity:0.1f}%') else: print('Failed to get reading. Check internal wiring.') ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the R110-R enclosure?
    • ⤷ Does the R110-R support EMI/RFI shielding for sensitive electronics?
    • ⤷ What types of cable glands are compatible with the R110-R knockouts?