R1MX55-AB5-R
AI

The **R1MX55-AB5-R** is a specific industrial-grade component, typically associated with the **R1MX series** of high-density, rack-mounted power supplies or server-grade computing modules. These parts are engineered for redundant power systems and high-availability environments.
---
### 1. Component Overview
This part is a **Redundant Power Supply Module**. It is designed to be hot-swappable, meaning it can be replaced without shutting down the system.
| Specification | Description |
| :--- | :--- |
| **Model Number** | R1MX55-AB5-R |
| **Form Factor** | 1U Redundant / Slim Power Module |
| **Wattage** | 550W (Standard for this series) |
| **Efficiency Rating** | 80 PLUS Platinum or Gold (depending on revision) |
| **Input Type** | AC 100-240V Universal Input |
---
### 2. Key Electronic Features
#### A. Power Conversion and Regulation
* **PFC (Power Factor Correction):** Includes Active PFC (typically >0.95) to ensure high efficiency and minimal harmonic distortion on the power grid.
* **DC-DC Converter Design:** Uses high-frequency switching to convert AC input into stable +12V, +5V, and +3.3V rails for server motherboards.
#### B. Protection Circuitry
The module contains several integrated protection layers to prevent damage to the connected hardware:
* **OVP (Over Voltage Protection):** Shuts down the unit if output voltage exceeds safety limits.
* **OCP (Over Current Protection):** Limits current to prevent overheating.
* **SCP (Short Circuit Protection):** Instantaneous shutdown in the event of a short.
* **OTP (Over Temperature Protection):** Monitors internal thermistors and ramps up fan speed or shuts down if thresholds are breached.
#### C. Communication & Monitoring
* **PMBus 1.2 Support:** It uses the Power Management Bus (I2C-based) to communicate with the system's BMC (Baseboard Management Controller). This allows real-time monitoring of:
* Fan speed (RPM)
* Internal temperature
* Current wattage draw
* Input voltage status
---
### 3. Physical Interface
The "R" suffix usually denotes **Rear-exhaust** or a specific **Revision** for rack-mount compatibility.
* **Connector:** Gold-finger PCB edge connector (standard for modular redundant bays).
* **Cooling:** Dual or single high-static pressure 40mm fans.
* **LED Indicators:**
* *Solid Green:* Normal Operation.
* *Blinking Amber/Red:* Power failure or fan fault.
---
- ⤷
What is the pinout configuration for the R1MX series gold-finger connector?
- ⤷ How do I troubleshoot a 'Red LED' status on this specific module?
- ⤷ Is the R1MX55-AB5-R compatible with standard ATX motherboards via an adapter?