전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R3-NL2-R

  • AI
    The **R3-NL2-R** refers to a specific configuration of a high-performance industrial controller, commonly associated with the **Rockwell Automation / Allen-Bradley** ArmorStart or similar distributed motor controller series. This part number indicates a specific hardware profile designed for decentralized motor control. ### Technical Specifications Breakdown The part number identifies the internal electronic configuration and the communication protocol used. | Component | Description | Specification | | :--- | :--- | :--- | | **Series** | R3 | ArmorStart Distributed Motor Controller Series | | **Network Type** | NL | EtherNet/IP (Dual Port) Communication | | **Control Voltage** | 2 | 24V DC Control Power | | **Enclosure/Type** | R | Reversing Starter Configuration | --- ### Core Electronic Components The "R3-NL2-R" architecture consists of several critical electronic sub-assemblies: #### 1. Communication Interface (EtherNet/IP) * **Dual-Port Switch:** The "NL" designation signifies a built-in 2-port Ethernet switch. This allows for **Device Level Ring (DLR)** topology, ensuring that if one cable fails, the network remains operational. * **Protocol Support:** It handles real-time I/O data, explicit messaging for diagnostics, and integration with Studio 5000 environments. #### 2. Reversing Starter Logic * **Interlocked Contactors:** The "R" suffix indicates a reversing model. It contains two mechanically and electronically interlocked contactors. * **Directional Control:** The electronics manage the phase swapping required to reverse the motor's rotation while preventing simultaneous activation (which would cause a short circuit). #### 3. Protection Circuitry * **Solid-State Overload:** Digital sensors monitor current draw to protect against thermal overload, phase loss, and current unbalance. * **Short Circuit Protection:** Integrated electronic circuit breakers or fuses (depending on the specific frame size) provide branch circuit protection. #### 4. I/O Ports * **On-board Inputs:** Typically features 4 source-type inputs for local sensors (limit switches, photocells). * **M12 Connections:** The electronics utilize M12 quick-disconnect connectors for industrial-grade durability and environmental sealing (IP67 rating). --- ### Functional Block Diagram ```mermaid graph LR A[EtherNet/IP Signal] --> B[Microprocessor Control] B --> C[Overload Protection Logic] C --> D[Forward Contactor] C --> E[Reverse Contactor] B --> F[Local I/O Status] ``` ### Key Electronic Benefits * **Distributed Architecture:** By moving the electronics out of a central cabinet and onto the machine, you reduce wiring costs. * **Advanced Diagnostics:** Unlike a standard motor starter, this unit provides digital feedback on motor current, fault history, and device health via the network. * **IP67 Rating:** The electronics are fully encapsulated to resist dust, water, and debris without requiring a separate enclosure. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R3-NL2-R and the non-reversing version?
    • ⤷ How do you configure the IP address on this specific hardware?
    • ⤷ What are the common fault codes for the ArmorStart R3 series?