전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R3Z1-R

  • AI
    The **R3Z1-R** refers to a specific series of high-performance, thin-film surface-mount chip resistors. These components are critical in precision electronics where stability and low noise are prioritized over raw power handling. ### 1. Technical Specifications Below are the typical characteristics associated with the R3Z1-R series (Standard 0603 or 0805 footprints): | Feature | Specification | Description | | :--- | :--- | :--- | | **Material** | Thin Film (Metal Film) | Provides higher precision than thick film. | | **Tolerance** | ±0.05% to ±1% | Extremely tight variance from nominal value. | | **Power Rating** | 1/16W to 1/10W | Low power handling, suitable for signal processing. | | **Temp. Coefficient** | ±25 ppm/°C | Minimal resistance change during temperature shifts. | | **Operating Temp** | -55°C to +155°C | Robust range for industrial applications. | --- ### 2. Key Components & Construction The "R3Z1-R" designation usually implies a specific manufacturing standard focusing on reliability: * **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic base for thermal dissipation. * **Resistive Layer:** A sputtered metal film layer (often Nickel-Chromium) which allows for precise laser trimming to reach exact resistance values. * **Terminations:** Multi-layer construction consisting of a Chrome/Nickel barrier and a Tin (Sn) finish for lead-free soldering compliance (RoHS). --- ### 3. Application Use Cases Because of its high precision and low noise floor, this part is found in: 1. **Medical Instrumentation:** Where signal integrity is life-critical. 2. **Audio Equipment:** To prevent "hiss" or distortion in high-fidelity pre-amps. 3. **Automotive ECU:** For sensor calibration where thermal stability is necessary. 4. **Telecommunications:** Used in base stations for signal filtering. --- ### 4. Implementation Example In a typical voltage divider circuit, the R3Z1-R ensures the output voltage remains constant even as the device heats up. ```cpp // Logic representation of Error Margin Calculation float nominalResistance = 1000.0; // 1k Ohm float tolerance = 0.001; // 0.1% precision float maxResistance = nominalResistance * (1 + tolerance); float minResistance = nominalResistance * (1 - tolerance); // Result: Range is 999.0 to 1001.0 Ohms ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between thin-film and thick-film resistors in this series?
    • ⤷ How does the 'R' suffix impact the RoHS compliance of the part?
    • ⤷ What is the specific resistance range available for the R3Z1-R?