전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R6010...

  • AI
    The **R6010** series primarily refers to a family of high-performance **N-Channel Super Junction MOSFETs** manufactured by companies like **ROHM Semiconductor**. These components are widely used in power conversion applications due to their high efficiency and fast switching capabilities. --- ## 1. Key Specifications (R6010KNX / R6010ANX) While specific parameters may vary slightly between sub-models (like the KNX or ANX series), the general specifications for the R6010 series are as follows: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 600 | Volts (V) | | **Continuous Drain Current ($I_D$)** | 10 | Amperes (A) | | **Static Drain-Source On-Resistance ($R_{DS(on)}$)** | 0.39 - 0.42 | Ohms ($\Omega$) | | **Power Dissipation ($P_D$)** | 30 - 50 | Watts (W) | | **Gate-Source Voltage ($V_{GSS}$)** | $\pm 30$ | Volts (V) | | **Operating Junction Temperature ($T_j$)** | 150 | Celsius (°C) | --- ## 2. Structural Features The R6010 uses **Super Junction** technology. Unlike standard planar MOSFETs, Super Junction parts offer: * **Lower $R_{DS(on)}$:** Reduced resistance in the "ON" state, which minimizes heat generation. * **Reduced Capacitance:** Faster switching speeds and lower switching losses. * **High Voltage Handling:** Capable of managing 600V, making it ideal for AC/DC rectification. --- ## 3. Common Applications Due to its 600V rating and 10A current capacity, the R6010 is commonly found in: 1. **Switching Mode Power Supplies (SMPS):** Used in the primary side of PC power units and industrial chargers. 2. **PFC (Power Factor Correction):** Improving the efficiency of electrical loads. 3. **LED Lighting Drivers:** High-voltage switching for large-scale LED arrays. 4. **DC/DC Converters:** High-efficiency voltage stepping in server environments. --- ## 4. Package Types The R6010 is typically available in standard through-hole and surface-mount packages to handle heat dissipation: * **TO-220FM:** A fully isolated plastic package that prevents short circuits to the heatsink. * **TO-252 (DPAK):** A smaller surface-mount version for compact PCB designs. --- ## 5. Equivalent/Alternative Parts If the R6010 is unavailable, engineers often look for MOSFETs with similar $V_{DSS}$ and $I_D$ ratings: * **FJP10N60:** 600V, 10A N-Channel. * **STP10NK60Z:** 600V, 10A N-Channel with Zener protection. * **IPA60R400CE:** Infineon CoolMOS series with similar resistance.
    ✨ Follow-up Questions
    • ⤷ What is the main difference between the R6010KNX and R6010ANX models?
    • ⤷ How does Super Junction technology improve efficiency compared to standard MOSFETs?
    • ⤷ What are the recommended gate drive voltage levels for the R6010 series?