전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R7D-MS4-R/UL

  • AI
    The **R7D-MS4-R/UL** is a high-performance AC Servo Drive from Omron’s **SmartStep 2** series. It is designed to be an entry-level, easy-to-use alternative to stepping motors while providing the higher precision and torque control of a servo system. --- ### 1. Technical Specifications Below are the primary electronic and mechanical specifications for this drive: | Feature | Specification | |:---|:---| | **Series** | SmartStep 2 (R7D) | | **Capacity (Wattage)** | 400 Watts | | **Input Voltage** | 1-Phase 100 to 115 VAC | | **Control Mode** | Pulse train (Step/Direction) | | **Encoder Support** | 10,000 pulses/rev (Incremental) | | **Safety Standard** | UL (Underwriters Laboratories) listed | | **Regeneration** | Built-in (limited) / External optional | --- ### 2. Key Electronic Components & Connectivity The drive functions as the "brain" between the PLC/Controller and the Servo Motor. Its architecture includes several critical interfaces: #### A. Control Interface (CN1) This is the 26-pin high-density connector used to interface with the motion controller or PLC. It handles: * **Pulse/Direction Inputs:** Accepts high-speed pulses to determine motor position and speed. * **Digital I/O:** Includes inputs for "Run/Stop" and outputs for "Alarm" or "Position Completed." #### B. Encoder Interface (CN2) This 6-pin connector links the drive to the motor's incremental encoder. It processes feedback signals to ensure the motor is in the exact position commanded, correcting for any "lost steps." #### C. Power Terminals * **L1, L2 (Main Power):** Power input (100-115V). * **U, V, W:** Three-phase power output to the servo motor. * **Ground (PE):** Critical for reducing electromagnetic interference (EMI). --- ### 3. Core Functional Features * **Autotuning:** The internal electronic circuitry automatically calculates the optimal "Gain" settings, significantly reducing the setup time for mechanical loads. * **Vibration Suppression:** Advanced filters (Notch filters) are built into the electronic logic to eliminate mechanical resonance during high-speed operations. * **Adaptive Filter:** Real-time adjustment to changes in the load to maintain stability. ### 4. Application Context The **R7D-MS4-R/UL** is typically used in conjunction with the **R7M-A** or **R7M-Z** series motors. It is ideal for: 1. Electronic component assembly. 2. Lab automation and medical devices. 3. Simple XY positioning tables. ---
    ✨ Follow-up Questions
    • ⤷What are the compatible servo motor models for the R7D-MS4-R/UL drive?
    • ⤷ How do I configure the electronic gear ratio for this specific drive?
    • ⤷ What is the difference between the R-type and the standard UL models in this series?