전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R7F4DH-1DAC32D-R

  • AI
    The **R7F4DH-1DAC32D-R** is a specific part number belonging to the **Renesas RH850/F1DH** series. This series consists of 32-bit automotive microcontrollers designed for body control modules, gateway applications, and high-end automotive safety systems. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Core** | RH850 G3K (32-bit RISC) | | **Clock Frequency** | Up to 120 MHz | | **Flash Memory** | 1 MB to 2 MB (depending on variant) | | **RAM** | 128 KB to 192 KB | | **Operating Voltage** | 3.3V to 5.0V | | **Operating Temperature** | -40°C to +125°C (Automotive Grade) | | **Package** | LQFP (Low Profile Quad Flat Package) | --- ### 2. Core Functional Blocks The architecture is built to handle the rigorous demands of modern automotive electronics: * **Processor Core:** Uses the G3K core which offers high performance per MHz and low power consumption. * **Safety Features:** Includes ECC (Error Correction Code) for all internal memories (Flash/RAM) and a Memory Protection Unit (MPU). * **Security:** Features an **ICU-S** (Intelligent Cryptographic Unit Slave) for secure boot and hardware-accelerated encryption. * **Connectivity:** * **CAN FD:** High-speed Controller Area Network with Flexible Data-rate. * **LIN:** Local Interconnect Network for low-cost communication. * **SPI/I2C:** Standard serial interfaces for peripheral communication. --- ### 3. Application Areas This microcontroller is primarily used in: 1. **BCM (Body Control Modules):** Controlling lighting, wipers, and door locks. 2. **Gateway Units:** Acting as a bridge between different vehicle networks (CAN, LIN, FlexRay). 3. **HVAC Systems:** Sophisticated climate control processing. --- ### 4. Part Number Breakdown (Prefix Identification) ```text R7F4 - RH850 Family Identifier DH - F1DH Sub-series (Performance Body / Gateway) 1DAC - Memory / Pin Count Configuration Code 32D - Package and Temperature Specification R - Tape & Reel Packaging ```
    ✨ Follow-up Questions
    • ⤷ What are the specific debugging tools compatible with the RH850/F1DH series?
    • ⤷ Does this model support hardware virtualization for automotive security?
    • ⤷ What is the typical power consumption in deep-standby mode for this microcontroller?