전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R7F4DH-2DAC32B-R

  • AI
    The **R7F4DH-2DAC32B-R** is a specific part number belonging to the **Renesas RA4D1** series of microcontrollers. These are 32-bit MCUs based on the Arm® Cortex®-M4F core, designed for high-performance applications that require advanced connectivity and human-machine interface (HMI) capabilities. --- ### 1. Key Technical Specifications The part number encodes specific hardware capabilities. Below is a breakdown of the core electronic specifications for this device: | Feature | Specification | | :--- | :--- | | **Core** | Arm® Cortex®-M4 with FPU (Floating Point Unit) | | **Clock Speed** | Up to 100 MHz | | **Flash Memory** | 2 MB | | **SRAM** | 640 KB | | **Voltage Range** | 2.7V to 3.6V | | **Package** | 100-pin LQFP (Low-profile Quad Flat Package) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Specialized Peripheral Modules This microcontroller is distinguished by several integrated electronic modules that reduce the need for external components: #### A. Graphics and Display * **LCD Controller:** Integrated support for driving display panels directly. * **2D Drawing Engine:** Hardware acceleration for graphics rendering, reducing CPU load during UI updates. #### B. Connectivity * **USB 2.0 Full-Speed:** Support for Device/Host modes. * **CAN FD:** High-speed Controller Area Network for industrial or automotive communications. * **Ethernet MAC:** Built-in controller for network connectivity (requires external PHY). * **SCI / SPI / I2C:** Multiple serial interfaces for communication with sensors and EEPROMs. #### C. Analog Components * **12-bit ADC:** High-speed Analog-to-Digital Converter for sensor data acquisition. * **12-bit DAC:** Digital-to-Analog Converter for signal generation. * **Analog Comparators:** For real-time monitoring of voltage thresholds. --- ### 3. Part Number Decoder Understanding the "R7F4DH-2DAC32B-R" string: | Segment | Meaning | | :--- | :--- | | **R7F** | Renesas Family (RA Series) | | **4D** | RA4 Series (General Purpose / Graphics) | | **H** | High-performance sub-group | | **2** | 2 MB Flash Memory | | **D** | 100-pin package | | **AC** | Specific feature set/Revision | | **-R** | Tape and Reel packaging (for automated assembly) | --- ### 4. Typical Applications Due to its high memory density and graphics acceleration, this part is commonly used in: * **Smart Home Panels:** Thermostats and security system interfaces. * **Industrial HMI:** Control panels for factory machinery. * **Medical Devices:** Handheld diagnostic tools with graphical displays. * **IoT Gateways:** Devices requiring both high security and network connectivity.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption profiles for the RA4D1 series in deep sleep mode?
    • ⤷ Does this MCU support Secure Boot or hardware-based cryptography?
    • ⤷ Which IDEs and compilers are recommended for developing on the R7F4DH series?