전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R7F4DH-2DAC32B-R/

  • AI
    The **R7F4DH-2DAC32B-R** is a specific part number belonging to the **Renesas RA4D1 Group** of microcontrollers. These are high-performance 32-bit MCUs based on the Arm® Cortex®-M4 core, specifically designed for applications requiring advanced human-machine interfaces (HMI) and segment LCD control. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | Arm® Cortex®-M4 (with FPU) | | **Max Frequency** | 80 MHz | | **Flash Memory** | 256 KB | | **SRAM** | 64 KB | | **Package** | 100-pin LQFP (14 x 14 mm) | | **Operating Voltage** | 1.8V to 5.5V | | **Operating Temperature** | -40°C to +85°C (Ta) | --- ### 2. Functional Blocks and Peripherals This MCU is highly integrated, focusing on low power consumption without sacrificing processing power. #### A. Graphics and Display * **Segment LCD Controller (SLCDC):** Supports up to 52 segments x 4 commons or 48 segments x 8 commons. * **Capacitive Touch Sensing Unit (CTSU):** Second-generation touch sensing for buttons, sliders, and wheels with high noise immunity. #### B. Analog Features * **12-Bit ADC:** High-speed Analog-to-Digital converter for sensor interfacing. * **8-Bit DAC:** Digital-to-Analog converter for signal generation. * **Analog Comparator:** For low-power monitoring of external voltage levels. #### C. Connectivity and Safety * **Interfaces:** Includes UART, SPI, I2C, and USB 2.0 Full Speed. * **Security:** Integrated AES hardware encryption and a True Random Number Generator (TRNG). * **Safety:** Error Correction Code (ECC) on SRAM and Peripheral Driver Library support for functional safety. --- ### 3. Part Number Decoder Breaking down **R7F4DH-2DAC32B-R**: * **R7F:** Renesas Family (RA Family). * **4DH:** RA4 Series, Group D (Segment LCD focus). * **2D:** Specific feature set/pin count variant. * **AC:** Temperature range and package type. * **32B:** Memory density (256KB Flash). * **-R:** Packaging type (usually denotes Tape & Reel). --- ### 4. Typical Applications * **Smart Home:** Thermostats, security panels, and appliance displays. * **Industrial:** Handheld measurement devices and power meters. * **Healthcare:** Blood pressure monitors and portable glucose meters.
    ✨ Follow-up Questions
    • ⤷What is the power consumption profile for the RA4D1 series in deep sleep mode?
    • ⤷ Does this MCU support the Renesas Flexible Software Package (FSP)?
    • ⤷ What are the specific pinout differences between the 64-pin and 100-pin versions?