전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R7FN-DA16-R

  • AI
    The **R7FN-DA16-R** is a remote I/O terminal module typically manufactured by **Omron** as part of their **DRT2/CRT1 Series** or similar remote terminal lineups. It is designed to interface between a field network (like DeviceNet or CompoBus/S) and physical electrical actuators. Below is a breakdown of its electronic components and specifications. --- ### 1. Key Technical Specifications The "DA16" in the part number indicates **Digital Output (16 points)**, and the "R" usually signifies **Relay Outputs**. | Feature | Specification | | :--- | :--- | | **Output Type** | Relay (Mechanical) | | **Number of Points** | 16 points | | **Common Type** | 8 points per common (2 commons total) | | **Rated Load** | 2 A at 250 VAC / 2 A at 24 VDC | | **I/O Connection** | M3 Screw terminals | | **Network Power Supply** | 24 VDC (via communications connector) | | **Mounting** | DIN Track or M4 screws | --- ### 2. Internal Electronic Architecture The module consists of several functional electronic stages: #### A. Network Communication Interface - **Transceiver IC:** Handles the physical layer of the network (e.g., DeviceNet). It translates differential signals from the network cable into logic-level data. - **Microcontroller (MCU):** Processes the data packets, manages the node address (set via rotary switches), and controls the switching logic for the output points. #### B. Isolation & Protection - **Photocouplers (Opto-isolators):** These provide galvanic isolation between the sensitive communication electronics and the high-voltage relay coils. This prevents electrical noise from the load side from crashing the network. - **Varistors/Surge Absorbers:** Usually integrated to protect the internal circuitry from back-EMF (Electromotive Force) when switching inductive loads. #### C. Output Stage (Relays) - **Electromechanical Relays:** These are the primary "moving" electronic parts. They allow the module to switch both AC and DC loads with high current capacity compared to transistor outputs. - **LED Indicators:** Small surface-mount LEDs wired in series with the relay coils to provide visual status for each of the 16 channels. --- ### 3. Wiring and Configuration The electronic interface is managed through external hardware settings: 1. **Rotary Switches:** Used to set the **Node Address** on the network. 2. **DIP Switches:** Used to set the **Baud Rate** (Communication speed) and specific pin behaviors. 3. **Terminal Block:** * **V+ / V-**: Network power. * **Out 00 to 15**: Output channels. * **COM**: Common return path for the power supply of the loads. --- ### 4. Advantages of the "R" (Relay) Version * **No Polarity:** Unlike transistor outputs (NPN/PNP), relays can switch either positive or negative logic. * **High Voltage:** Can handle up to 250 VAC directly without needing interposing relays for small motors or solenoids. * **Isolation:** Complete physical separation between the control circuit and the load.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the relay outputs in this module?
    • ⤷ How do I set the node address using the hardware switches?
    • ⤷ What is the difference between the R7FN-DA16-R and a transistor-based model like the DA16-P?