전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R7FN-DC16B-R/Q

  • AI
    The **R7FN-DC16B-R/Q** is a specific remote I/O terminal module manufactured by **OMRON**. It belongs to the **R7 Series** and is designed for use with the **DeviceNet** network protocol. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model** | R7FN-DC16B-R (Standard) / Q (Specific variants) | | **I/O Type** | Digital Input | | **Number of Points** | 16 Inputs | | **Input Type** | NPN / PNP (Depending on wiring) | | **Network Protocol** | DeviceNet | | **Rated Voltage** | 24 VDC | | **I/O Connection** | M3 screw terminals | | **Housing Material** | Polycarbonate / ABS Resin | --- ### 2. Core Electronic Components and Functions The internal circuitry of the R7FN-DC16B-R/Q consists of several critical stages: #### A. Network Communication Interface * **DeviceNet Transceiver:** Manages physical layer communication over the CAN bus (Controller Area Network) used by DeviceNet. * **Microcontroller (MCU):** Processes the data packets and handles the addressing (Node ID) and communication baud rate settings. #### B. Input Circuitry (Digital Inputs) * **Optoisolators (Photocouplers):** These provide galvanic isolation between the field-side input signals and the internal logic. This protects the network and internal electronics from voltage spikes or electrical noise coming from the field sensors. * **LED Indicators:** The "IN" indicators on the front panel represent the status of each of the 16 input bits. #### C. Power Supply Section * **Internal DC-DC Converter:** Converts the 24V field power into regulated lower voltages (typically 3.3V or 5V) required for the internal logic and communication chips. * **Protection Circuitry:** Includes reverse polarity protection and basic surge suppression. #### D. Configuration Switches * **Rotary Switches:** Used to set the Node Address (0-63). * **DIP Switches:** Used to configure the communication speed (Baud rate: 125k, 250k, or 500k bps) and other operational modes. --- ### 3. Connection and Wiring Overview The module uses a terminal block structure for simplified wiring: * **V+ / V-:** Power supply for the internal circuitry and the input devices. * **0 through 15:** Terminals for the 16 individual input signals. * **COM:** Common terminal for the inputs. * **DeviceNet Connector:** A specific 5-pin connector (V+, CAN_H, Drain, CAN_L, V-) for the communication cable. --- ### 4. Part Number Breakdown * **R7FN:** Remote I/O terminal series for DeviceNet. * **DC16:** Indicates 16 DC input points. * **B:** Terminal block style (M3 screws). * **R:** Standard model. * **Q:** Often indicates a specific branding or regional variation (sometimes associated with the "Square" or specific compliance markings).
    ✨ Follow-up Questions
    • ⤷ How do you set the Node Address on an OMRON R7FN module?
    • ⤷ What is the maximum current consumption of the R7FN-DC16B-R/Q?
    • ⤷ Can this module be used with EtherNet/IP instead of DeviceNet?