전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R7ML-DC16A-R/Q

  • AI
    ## Overview of R7ML-DC16A-R/Q The **R7ML-DC16A-R/Q** is a specific remote I/O module belonging to the **M-System (now MG CO., LTD.)** R7ML series. This series is designed for compact, high-speed data acquisition and control within industrial automation environments, typically utilizing the **MECHATROLINK-I/II** communication protocol. --- ### 1. Technical Specifications The model name can be broken down to understand its electronic capabilities: | Feature | Specification | | :--- | :--- | | **Model Series** | R7ML (Compact Remote I/O) | | **Communication** | MECHATROLINK-I / II | | **Input/Output Type** | Discrete Input (DC) | | **Points** | 16 Points | | **Logic Type** | R (NPN/Sinking) or Q (PNP/Sourcing) | | **Power Input** | 24V DC | | **Isolation** | Optical isolation between internal circuit and input | --- ### 2. Key Electronic Components & Features #### A. Input Circuitry * **Optocouplers:** These modules use optical isolation to protect the internal MECHATROLINK logic from high-voltage spikes or noise on the field side. * **Input Status LEDs:** 16 green LEDs located on the front panel provide immediate visual feedback on the state of each input. * **Filtering:** Internal hardware filters help debounce signals from mechanical switches or noisy electronic sensors. #### B. Communication Interface (MECHATROLINK) * **Protocol Chip:** Dedicated silicon to handle the high-speed (10 Mbps for ML-II) deterministic communication required for motion control. * **Station Address Switches:** Rotary switches located under the cover for manual hardware addressing (01H to 1FH or 20H to 3FH). #### C. Power Supply Section * **Internal DC-DC Converter:** Converts the 24V DC field power into stable logic-level voltages (usually 3.3V or 5V) for the internal microprocessor and communication chips. * **Protection:** Includes polarity protection and overcurrent fuses. --- ### 3. Wiring Logic (R vs Q) The suffix at the end of the model number determines the electronic wiring configuration for the inputs: | Suffix | Logic Type | Electronic Flow | | :--- | :--- | :--- | | **-R** | **NPN (Sinking)** | The input triggers when the terminal is connected to the negative (0V) side. | | **-Q** | **PNP (Sourcing)** | The input triggers when the terminal is connected to the positive (+24V) side. | --- ### 4. Physical Layout 1. **Terminals:** Two-piece terminal blocks for easy maintenance. 2. **DIN Rail Mount:** Standard 35mm rail mounting clips. 3. **Communication Ports:** MECHATROLINK connectors (shielded) for daisy-chaining multiple modules. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring differences between the R and Q versions?
    • ⤷ How do you configure the station address on this module?
    • ⤷ What is the maximum response time for the 16-point discrete inputs?