전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R80NECT1-R

  • AI
    Based on the technical designation, the **R80NECT1-R** is a specific part number primarily associated with **Infrared (IR) Receiver Modules**, often used in remote control systems. These components are integrated circuits designed to receive infrared signals, demodulate them, and output a clean data stream to a microcontroller. --- ## Technical Specifications & Features The following table outlines the typical characteristics of a receiver in this family: | Feature | Description | | :--- | :--- | | **Component Type** | Infrared Receiver Module (Photo-IC) | | **Carrier Frequency** | Typically 38 kHz (industry standard for remote controls) | | **Supply Voltage (Vcc)** | 2.7V to 5.5V (Logic level compatible) | | **Output Type** | Active Low (outputs 0V when a signal is detected) | | **Internal Filtering** | Built-in PCM frequency filter and pre-amplifier | | **Shielding** | Metal casing or specialized epoxy for EMI/RFI protection | --- ## Internal Block Diagram Components The "R80" series generally consists of several internal stages within a single 3-pin package: 1. **Photodiode:** Converts the incoming IR light into a small electrical current. 2. **Pre-amplifier:** Boosts the signal from the photodiode. 3. **Automatic Gain Control (AGC):** Adjusts sensitivity to compensate for distance and ambient light noise. 4. **Band Pass Filter (BPF):** Specifically tuned to the carrier frequency (e.g., 38kHz) to ignore other light sources. 5. **Demodulator & Output Driver:** Strips the carrier wave and sends the digital pulses to the output pin. --- ## Pinout Configuration While you should always verify with a specific datasheet, the standard configuration for these modules is: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **OUT** | Data signal output to MCU | | 2 | **GND** | Ground | | 3 | **Vcc** | Power Supply (Positive) | --- ## Typical Application Circuit When connecting this part to a system (like an Arduino or ESP32), a simple RC filter is recommended to ensure stable performance. ```cpp // Basic Arduino code snippet to read the R80NECT1-R output int irPin = 2; // Connected to Pin 1 (OUT) of the receiver void setup() { pinMode(irPin, INPUT); Serial.begin(9600); } void loop() { int signal = digitalRead(irPin); if (signal == LOW) { Serial.println("IR Signal Detected"); } } ``` --- ## Common Uses * **Consumer Electronics:** TV, DVD players, and Air Conditioning remote receivers. * **Industrial:** Optical switches and non-contact IR barriers. * **Robotics:** Obstacle detection or remote command execution.
    ✨ Follow-up Questions
    • ⤷ What is the specific carrier frequency for the R80NECT1-R version?
    • ⤷ Are there specific decoupling capacitor values recommended for this IR receiver?
    • ⤷ How does the 'R' suffix impact the packaging or reel specifications?