전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • R8152S032B

  • AI
    The **R8152S032B** is a specialized electronic component, typically identified as a **high-precision voltage detector or supervisor IC** manufactured by **Nisshinbo Micro Devices (formerly Ricoh Electronic Devices)**. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications This device is part of a series designed for monitoring power supply voltages to ensure system stability. | Parameter | Description | | :--- | :--- | | **Component Type** | Voltage Detector (Reset IC) | | **Detector Threshold** | 3.2V (Indicated by the "032" in the part number) | | **Hysteresis** | Typ. 5% of Detector Threshold | | **Supply Voltage Range** | 0.8V to 6.0V | | **Output Type** | Open Drain (usually N-ch) | | **Supply Current** | Ultra-low (Typ. 1.0µA to 1.5µA) | | **Package Type** | SOT-23-5 or SC-82AB (depending on the suffix) | --- ## 2. Pin Configuration & Functionality While exact pinouts can vary slightly by package, the R8152 series generally follows this standard layout: 1. **VDD:** Power supply input and voltage sense pin. 2. **VSS:** Ground pin. 3. **DOUT:** Output pin (signals the system when voltage drops below the threshold). 4. **CD:** Delay capacitor pin (allows for external adjustment of the release delay time). 5. **NC:** No internal connection. --- ## 3. Key Electronic Features ### A. Manual Reset Capability Many versions of the R8152 include a manual reset trigger. This allows the system to be reset not just by a voltage drop, but by a physical button or a logic signal from another microcontroller. ### B. Adjustable Delay Time By connecting an external capacitor to the **CD pin**, the user can define the "Release Delay Time." This prevents the system from oscillating or rebooting too quickly if the power supply is noisy or unstable. ### C. Low Power Consumption The IC is engineered for battery-operated devices. Its extremely low quiescent current (in the micro-ampere range) ensures it does not drain the battery while the device is in standby mode. --- ## 4. Typical Application Circuit The following represents how the R8152S032B is integrated into a digital circuit: ```python # Conceptual Electrical Flow # [Power Source] ---> [VDD Pin] # [VDD Pin] --------> [Voltage Monitor Logic] # [CD Pin] ---------> [External Capacitor to GND] # [DOUT Pin] -------> [Pull-up Resistor to VCC] # [DOUT Pin] -------> [Microcontroller Reset Pin] ``` --- ## 5. Common Use Cases * **Microprocessor Reset:** Ensuring the CPU only starts when the power supply is at a stable 3.2V. * **Battery Life Monitoring:** Signaling a low-battery warning to the system. * **System Supervisors:** Preventing data corruption by freezing operations during a brownout.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an Open Drain and a Push-Pull output in this IC?
    • ⤷ How do I calculate the capacitor value for a specific delay time on the CD pin?
    • ⤷ Can this IC be used to monitor voltages higher than 6.0V?