전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RA-04-R

  • AI
    ## Overview of the RA-04-R Module The **RA-04-R** is a low-power, wide-area network (LPWAN) communication module developed by Ai-Thinker. It is built upon the **LoRa (Long Range)** spread spectrum technology, specifically utilizing the **Semtech SX1262** chip. This module is designed for IoT applications requiring long-range communication, high sensitivity, and low energy consumption. --- ### 1. Key Technical Specifications Below is a breakdown of the primary electronic and performance specifications: | Feature | Specification | | :--- | :--- | | **Chipset** | Semtech SX1262 | | **Frequency Range** | 410MHz ~ 525MHz (Default 433MHz) | | **Interface** | SPI | | **Operating Voltage** | 2.7V ~ 3.6V (Typical 3.3V) | | **Operating Current** | Tx: ~118mA (22dBm); Rx: ~5.8mA | | **Maximum Power** | +22 dBm | | **Sensitivity** | -148 dBm (@BW=10.4kHz, SF=12) | | **Modulation** | LoRa, FSK, GFSK, MSK, GMSK, OOK | --- ### 2. Core Electronic Components The RA-04-R integrates several critical electronic components into a single SMD package: #### A. Semtech SX1262 LoRa Transceiver This is the heart of the module. Unlike the older SX1278 (used in RA-02), the SX1262 offers: * Higher efficiency and lower power consumption. * Support for the **DCDC** (DC-to-DC) converter mode to reduce current draw during transmission and reception. #### B. TCXO (Temperature Compensated Crystal Oscillator) The "R" in RA-04-R often signifies the inclusion of a high-precision **TCXO**. This ensures frequency stability even in extreme temperature fluctuations, which is vital for narrow-bandwidth LoRa communication. #### C. RF Matching Circuit The module includes an onboard LC (Inductor-Capacitor) matching network. This optimizes power transfer between the chip and the antenna port, ensuring the impedance is tuned to **50 Ohms**. --- ### 3. Pin Configuration (Interface) The module communicates with a host MCU (like Arduino, ESP32, or STM32) via the **SPI** protocol. | Pin Name | Function | Description | | :--- | :--- | :--- | | **GND** | Ground | Power reference | | **3.3V** | Power Supply | 2.7V to 3.6V input | | **MISO/MOSI/SCK** | SPI Interface | Data and clock lines for communication | | **NSS** | SPI Chip Select | Activates the SPI interface | | **NRESET** | Reset | Active low reset pin | | **DIO1** | Interrupt | Configurable interrupt (usually for "Tx Done" or "Rx Done") | | **BUSY** | Status Pin | Indicates if the internal state machine is busy | --- ### 4. Application Hardware Setup Example When connecting the RA-04-R to a microcontroller, you must ensure logic level compatibility. Since the RA-04-R operates at **3.3V**, using a 5V microcontroller (like an Arduino Uno) requires a logic level shifter. ```cpp // Typical Pin Mapping for RA-04-R (SX1262) #define LORA_NSS 10 #define LORA_RESET 9 #define LORA_DIO1 2 #define LORA_BUSY 3 ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the RA-04-R and the RA-02 (SX1278) module?
    • ⤷ How do I configure the DCDC converter mode to save power on this module?
    • ⤷ Can the RA-04-R be used for LoRaWAN gateway communication?