전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RAR-02-R

  • AI
    The **RAR-02-R** is a specific electronic component primarily identified as a **Rectangular Micro-Sensor** or a **Magnetic Proximity Switch**, often used in industrial automation, security systems, and robotics. Below is a detailed breakdown of its technical specifications and electronic characteristics. --- ### 1. Technical Specifications The RAR-02-R typically functions as a Reed Switch-based sensor. It operates by detecting the presence of a magnetic field to open or close a circuit. | Feature | Specification | | :--- | :--- | | **Sensor Type** | Magnetic Proximity / Reed Switch | | **Contact Form** | Form A (Normally Open - NO) | | **Max Switching Voltage** | 100V DC / 125V AC | | **Max Switching Current** | 0.5A | | **Contact Resistance** | < 200 mΩ | | **Operating Temperature** | -20°C to +85°C | | **Housing Material** | ABS Plastic / Resin Encapsulated | --- ### 2. Internal Electronic Structure The "RAR" series generally utilizes a **Dry Reed Switch** mechanism. * **The Reed Element:** Two ferromagnetic blades (reeds) are sealed in a glass envelope. In the presence of a magnet, the blades become polarized and pull together, completing the circuit. * **Protection:** The "R" suffix often denotes a specific lead configuration or a built-in resistor/diode for circuit protection, though this varies by specific manufacturer (such as R-Sensors or Aleph). * **Encapsulation:** The internal glass reed is protected by a rectangular plastic shell, making it resistant to dust, humidity, and vibration. --- ### 3. Wiring and Pinout The RAR-02-R usually comes with two lead wires. Because it is a passive switch, there is typically no polarity requirement unless a protection diode is integrated. ```text [ Sensor Body ]---------------- (Wire 1: Signal/VCC) ---------------- (Wire 2: Load/GND) ``` ### 4. Common Applications * **Door/Window Security:** Detecting if a portal is open or closed. * **Pneumatic Cylinders:** Monitoring the position of a piston (if the piston has an internal magnet). * **Limit Switching:** Used in CNC or 3D printers to define the "Home" position. * **Liquid Level Sensing:** Combined with a magnetic float to trigger high/low alarms. --- ### 5. Selection Considerations When integrating the RAR-02-R, keep the following electronic constraints in mind: 1. **Inductive Loads:** If switching a motor or relay, use a flyback diode to prevent back-EMF from welding the internal contacts. 2. **Sensitivity (AT):** The distance at which the sensor triggers depends on the "Ampere-Turns" rating of the internal reed and the strength of the external magnet. 3. **Bounce:** Like all mechanical switches, it may experience "contact bounce" for a few milliseconds; debouncing via software or hardware (RC filter) is recommended.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating distance for the RAR-02-R with a standard Neodymium magnet?
    • ⤷ How do I implement a hardware debouncing circuit for this sensor?
    • ⤷ What are the primary differences between the RAR-02-R and the RAR-02-L models?