전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RB151

  • AI
    The **RB151** is a specific model of a **Single-Phase Bridge Rectifier**. It is an essential electronic component used to convert Alternating Current (AC) into Direct Current (DC). --- ### 1. Key Technical Specifications The RB151 belongs to the RB15x series. Its performance is defined by its voltage and current ratings: | Feature | Specification | |:---|:---| | **Maximum Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 50 V | | **Maximum RMS Voltage** | 35 V | | **Maximum Average Forward Rectified Current ($I_{O}$)** | 1.5 Amperes | | **Peak Forward Surge Current ($I_{FSM}$)** | 50 Amperes | | **Operating Temperature Range** | -55°C to +150°C | | **Package Type** | WOB (Circular/Button shape) | --- ### 2. Internal Structure and Working The device consists of **four silicon diodes** connected in a closed-loop "bridge" configuration inside a single housing. * **Function:** It utilizes both the positive and negative cycles of the AC input (Full-wave rectification). * **Terminals:** It has four pins: 1. **AC Input (~):** Two pins where the transformer output or AC source is connected. 2. **Positive Output (+):** The rectified DC positive terminal. 3. **Negative Output (-):** The rectified DC negative/ground terminal. --- ### 3. Physical Characteristics The RB151 typically features the following physical attributes: * **Housing:** Reliable low-cost construction utilizing molded plastic technique. * **Polarity:** Polarity symbols are usually molded or laser-etched on the body of the device. * **Mounting:** Through-hole mounting for Printed Circuit Boards (PCBs). --- ### 4. Common Applications Due to its 1.5A rating, it is commonly found in low-to-medium power electronics: * **AC/DC Adapters:** Converting wall power for small electronics. * **Power Supplies:** Found in the input stage of linear and switching power supplies. * **Battery Chargers:** Providing the DC current needed to charge cells. * **Home Appliances:** Used in control boards for fans, LED drivers, and small motors. --- ### 5. Circuit Symbol In a schematic, the bridge rectifier is represented by a diamond shape containing four diodes, or a simplified block with four terminals labeled: `~`, `~`, `+`, and `-`.
    ✨ Follow-up Questions
    • How does the RB151 differ from the RB157 model?
    • What is the recommended heat sinking for a 1.5A bridge rectifier?
    • Can I use an RB151 for a 12V AC to DC conversion?