전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RB34412102

  • AI
    The part number **RB34412102** typically refers to a specific series of **Rocker Switches** manufactured by companies like **E-Switch**. These components are electromechanical switches used to control the flow of electricity in a circuit. --- ### 1. Technical Specifications Below are the general technical parameters for the RB3 series rocker switches (specifically the RB34412102 variant): | Feature | Specification | | :--- | :--- | | **Switch Function** | DPST (Double Pole Single Throw) | | **Actuator Type** | Rocker (Curved) | | **Current Rating** | 16A @ 125VAC / 10A @ 250VAC | | **Illumination** | Non-Illuminated (standard for this suffix) | | **Terminal Type** | Quick Connect (Tab) | | **Mounting Type** | Panel Mount (Snap-in) | | **Color** | Black Body / Black Actuator | | **Marking** | I/O (On/Off) Symbols | --- ### 2. Breakdown of the Component This electronic part consists of three primary sections: #### A. The Actuator (The "Rocker") The top part of the switch that the user presses. In the `RB344` configuration, this is usually a standard rectangular rocker. It pivots on a hinge to open or close the internal contacts. #### B. The Housing (The Body) Designed for **Snap-in mounting**. This means the switch can be pushed into a rectangular cutout in a plastic or metal panel and will stay in place without screws, thanks to plastic retention clips on the side. #### C. The Contact System (DPST) The "44" in the part number often indicates a **Double Pole, Single Throw** configuration: * **Double Pole:** It controls two separate circuits simultaneously. * **Single Throw:** It only has two positions (ON and OFF). * This is ideal for disconnecting both the "Hot" and "Neutral" lines in an AC application for safety. --- ### 3. Common Applications Due to its high amperage rating (up to 16A), the RB34412102 is commonly found in: * **Power Strips:** Used as the main power toggle. * **Industrial Equipment:** Control panels for machinery. * **Appliances:** Vacuum cleaners, heaters, and kitchen appliances. * **Power Supplies:** Main power entry modules. --- ### 4. Circuit Diagram Representation To represent this switch in a schematic, use the following logic: ```text Line 1 In ----[ Terminal 1 ] / [ Terminal 2 ]---- Line 1 Out (Load) Line 2 In ----[ Terminal 3 ] / [ Terminal 4 ]---- Line 2 Out (Load) (Internal Link) ```
    ✨ Follow-up Questions
    • ⤷What is the panel cutout size required for the RB3 series?
    • ⤷ Can this switch be used for DC applications?
    • ⤷ Is there an illuminated version of the RB344 switch?