전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RB34412229

  • AI
    Based on the part number provided (**RB34412229**), this is a specific component used in the automotive and industrial sectors, primarily associated with **Bosch** and **Fiat/Chrysler (FCA)** braking systems. Below is the technical breakdown of the part and its specifications. --- ### 1. Component Overview The **RB34412229** is typically identified as a **Brake Pressure Sensor** or a related hydraulic control component. These parts are integral to the Electronic Stability Control (ESC) and Anti-lock Braking Systems (ABS). | Attribute | Description | | :--- | :--- | | **Category** | Electronic Sensor / Automotive Electronics | | **Main Function** | Monitoring hydraulic fluid pressure in the brake lines | | **Primary Manufacturer** | Bosch (often supplied to FCA/Stellantis) | | **Common Application** | ABS/ESC Modules | --- ### 2. Technical Specifications The electronic architecture of these sensors generally involves high-precision MEMS (Micro-Electro-Mechanical Systems) technology to convert physical pressure into an electrical signal for the Engine Control Unit (ECU). * **Operating Voltage:** Typically 5V DC (supplied by the ABS module). * **Signal Output:** Analog voltage (0.5V to 4.5V) or digital (SENT/CAN) depending on the specific module revision. * **Connector Type:** Integrated multi-pin connector (usually gold-plated to prevent oxidation). * **Pressure Range:** Generally rated up to 250-300 Bar (3,600+ PSI). --- ### 3. Electronic Role in the System The sensor acts as a feedback loop for the vehicle's safety systems: 1. **Data Acquisition:** It measures how hard the driver is pressing the brake pedal. 2. **Signal Processing:** The internal ASIC (Application-Specific Integrated Circuit) filters noise from the pressure readings. 3. **Action:** The ECU uses this data to determine if "Emergency Brake Assist" is required or to modulate the hydraulic valves during a skid. --- ### 4. Common Failure Symptoms When the electronic components within this sensor fail, the following issues usually occur: * **Dashboard Lights:** ABS, Traction Control, or Stability Control warning lights. * **Error Codes:** Diagnostic Trouble Codes (DTCs) such as `C121C` (Torque Request Signal Denied) or `C0044` (Brake Pressure Sensor Circuit). * **Safety Loss:** The vehicle may lose its automatic hill-start assist or cruise control functions. ---
    ✨ Follow-up Questions
    • ⤷ How do I test the voltage output of this sensor using a multimeter?
    • ⤷ Is there a direct cross-reference part number for other car brands?
    • ⤷ Can this sensor be replaced individually or do I need to replace the entire ABS pump?