전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RB3441222R

  • AI
    Based on the part number **RB3441222R**, this is a specific configuration of a **high-power, wirewound resistor** typically manufactured by companies like **TE Connectivity / CGS** or similar industrial component brands. --- ## 1. Technical Specifications Overview This component is designed for high-power dissipation and reliability in harsh environments. | Feature | Specification | | :--- | :--- | | **Component Type** | Fixed Resistor (Wirewound) | | **Power Rating** | 50 Watts (at 25°C) | | **Resistance Value** | 2.2 Ohms (Ω) | | **Tolerance** | ±5% (Typical for RB series) | | **Housing Material** | Aluminum Gold-Anodized | | **Mounting Style** | Chassis Mount (Heatsink required) | --- ## 2. Key Characteristics ### A. Construction * **Wirewound Element:** The resistive element is made by winding a metal wire (usually Nichrome) around a ceramic core. This allows for high pulse handling. * **Aluminum Housing:** The resistor is encased in an extruded aluminum housing. The fins on the outside increase the surface area for cooling. * **Encapsulation:** The internal element is molded into the housing using a high-thermal conductivity material to ensure heat moves from the wire to the casing efficiently. ### B. Thermal Management Because this is a **50W** resistor, it is designed to be bolted directly to a metal chassis or a heatsink. Without a heatsink, the power rating must be significantly derated (often down to 10-20% of its rated capacity) to prevent overheating. --- ## 3. Applications The RB34 series is commonly found in industrial and heavy-duty electronics: * **Braking Resistors:** Used in motor control to dissipate energy when a motor slows down. * **Inrush Current Limiting:** Protecting circuits from high current spikes when power is first applied. * **Dummy Loads:** Used in testing power supplies or radio transmitters. * **Voltage Dividers:** In high-power industrial power distribution units. --- ## 4. Part Number Breakdown (Example) While specific manufacturers vary slightly, the code usually breaks down as follows: | Code Segment | Meaning | | :--- | :--- | | **RB** | Series Name (Aluminum Housed Wirewound) | | **34 (or 50)** | Physical Size / Power Rating (Size 34 corresponds to 50W) | | **1222** | Resistance Code (Value-based representation) | | **R** | Ohms (or RoHs Compliance indicator) | ---
    ✨ Follow-up Questions
    • ⤷ What are the heatsink requirements for a 50W wirewound resistor?
    • ⤷ How does a wirewound resistor compare to a thick film resistor in high-power applications?
    • ⤷ What is the maximum operating temperature for the RB series resistors?