전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RB520S30L-CC2-R

  • AI
    The **RB520S30L-CC2-R** is a high-performance Schottky Barrier Diode designed for low-voltage rectification and high-speed switching applications. It is frequently used in portable electronics due to its extremely small footprint and efficiency. --- ## 1. Core Technical Specifications The following table summarizes the primary electrical characteristics of the component: | Parameter | Symbol | Value | Unit | | :--- | :---: | :---: | :---: | | **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 30 | V | | **Maximum Average Forward Rectified Current** | $I_O$ | 200 | mA | | **Maximum Forward Voltage** (at $I_F = 200mA$) | $V_F$ | 0.60 | V | | **Maximum Reverse Current** (at $V_R = 10V$) | $I_R$ | 1.0 | $\mu$A | | **Operating Junction Temperature** | $T_j$ | 150 | °C | | **Package Type** | DFN | 0603 (1006) | Metric | --- ## 2. Key Features and Benefits * **Low Forward Voltage ($V_F$):** By utilizing a Schottky barrier, the diode minimizes power loss during conduction, which is critical for battery-powered devices. * **High-Speed Switching:** The lack of minority carrier recovery time allows the diode to switch states almost instantaneously. * **Ultra-Small Package:** The "0603" (DFN1006) package is roughly $1.0 \times 0.6$ mm, making it ideal for high-density PCB layouts like smartphones and wearables. * **Lead-Free / RoHS Compliant:** Meets modern environmental safety standards for electronic manufacturing. --- ## 3. Typical Applications The RB520S30L-CC2-R is generally integrated into circuits where space is limited and efficiency is paramount: 1. **Reverse Polarity Protection:** Prevents damage if a battery is inserted incorrectly. 2. **DC-DC Converters:** Acts as a freewheeling diode in small switching power supplies. 3. **Signal Clamping:** Protects sensitive IC inputs from voltage spikes. 4. **Mobile Communications:** Used in RF circuits and mobile handsets for signal detection. --- ## 4. Marking and Ordering Information The suffix codes often denote specific packaging or reel requirements: * **CC2:** Typically refers to a specific internal chip configuration or cathode orientation within the package. * **-R:** Generally indicates that the parts are supplied on a Tape & Reel for automated SMT (Surface Mount Technology) assembly.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between this Schottky diode and a standard PN junction diode?
    • ⤷ How does the DFN1006 package impact the thermal management of this diode?
    • ⤷ Can this diode be used in high-frequency switching power supplies above 1MHz?