RB751V40G-CB2-R
AI

The **RB751V40G-CB2-R** is a specific surface-mount Schottky Barrier Diode. It is widely used in high-speed switching and low-voltage rectification applications due to its low forward voltage drop and fast recovery time.
---
### 1. Key Specifications
Below are the primary technical parameters for this electronic component:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Peak Reverse Voltage ($V_{RM}$)** | 40V | Maximum voltage it can block in reverse. |
| **Forward Current ($I_F$)** | 30mA | Continuous current allowed in the forward direction. |
| **Forward Voltage ($V_F$)** | 0.37V (Typ) | Voltage drop across the diode at 1mA current. |
| **Reverse Current ($I_R$)** | 0.5µA | Maximum leakage current at 30V. |
| **Package Type** | SOD-323 | Small Outline Diode, ultra-small surface mount. |
| **Operating Temp** | -55°C to +125°C | Thermal operating range. |
---
### 2. Physical Characteristics
* **Package (SOD-323):** This is a two-pin micro-miniature package, ideal for high-density circuit boards (e.g., smartphones, wearables).
* **Construction:** Silicon epitaxial planar type.
* **Marking Code:** Usually represented by a 2-character code on the body (check the specific manufacturer datasheet for the "CB2" variant code).
---
### 3. Key Features and Benefits
1. **Schottky Technology:** Unlike standard PN junction diodes, it uses a metal-to-semiconductor junction. This results in a significantly lower $V_F$, reducing power loss.
2. **High Speed:** Extremely fast switching speeds because there is no minority carrier storage.
3. **Low Capacitance:** Low junction capacitance makes it suitable for high-frequency signal detection.
---
### 4. Common Applications
The RB751V40G-CB2-R is typically found in the following circuits:
* **Signal Clamping:** Protecting sensitive IC inputs from voltage spikes.
* **High-Speed Switching:** Used in digital logic circuits to improve timing.
* **Reverse Polarity Protection:** Preventing damage if a battery is inserted incorrectly (limited to low-current paths).
* **Detection:** AM/FM radio frequency detection or signal envelope tracking.
---
### 5. Implementation Example
In a basic protection circuit, the diode is placed between a signal line and the power rail:
```markdown
Circuit Visualization:
[Signal In] ----+---- [IC Input]
|
[---] RB751V40G
|
[VCC/GND]
```
- ⤷
How does the forward voltage drop of the RB751V40G compare to a standard 1N4148 diode?
- ⤷ What are the recommended soldering temperature profiles for the SOD-323 package?
- ⤷ Can this diode be used for power rectification in a 5V/2A power supply?