전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RBS-54-R

  • AI
    The **RBS-54-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Tactile Switch** or a specific **Relay/Rectifier** depending on the manufacturer (most commonly associated with high-quality tactile switches used in consumer electronics). Below is a detailed breakdown of the electronic specifications and features typical for this part series. --- ## 1. Technical Specifications The "RBS" series generally refers to small-form-factor switches designed for PCB mounting. | Feature | Typical Specification | | :--- | :--- | | **Type** | Tactile Switch (Push Button) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Contact Arrangement** | SPST (Single Pole Single Throw) | | **Operating Force** | 160gf to 250gf (grams-force) | | **Voltage Rating** | 12V DC (Typical) | | **Current Rating** | 50mA | | **Contact Resistance** | < 100 mΩ | | **Insulation Resistance** | > 100 MΩ | --- ## 2. Physical Construction The "R" suffix often denotes the packaging style (Tape & Reel) or a specific physical orientation (Right Angle). ### Component Layers: 1. **Actuator:** The physical button pressed by the user. Usually made of high-temperature plastic. 2. **Cover:** A metal shield that protects the internal mechanism and provides EMI grounding. 3. **Contact Dome:** A stainless steel or phosphor bronze disc that provides the "click" feel and completes the circuit. 4. **Base:** The plastic housing that holds the terminals. 5. **Terminals:** Silver-plated leads for soldering to the PCB. --- ## 3. Key Electronic Characteristics * **Tactile Feedback:** The RBS-54-R is engineered to provide a distinct "snap" or click sound, informing the user that the connection has been made. * **Bounce Time:** These switches typically have a very low bounce time (less than 5ms), which reduces noise in digital logic circuits. * **Durability:** Designed for high-cycle life, often rated for 50,000 to 100,000 actuations. * **Heat Resistance:** Being an SMT part, it is designed to withstand **Reflow Soldering** temperatures (approx. 260°C). --- ## 4. Common Applications The RBS-54-R is found in devices where space is limited and user input is required: * **Wearables:** Smartwatches and fitness trackers. * **Mobile Devices:** Volume or power buttons. * **Medical Instruments:** Portable diagnostic tools. * **Automotive:** Dashboard controls and key fobs. --- ## 5. Circuit Diagram (Basic) In a standard configuration, the switch acts as a normally open (NO) gate. ```text [VCC] ---- [Pull-up Resistor] ----+---- [Input Pin (MCU)] | [ RBS-54-R ] | [GND] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions for the RBS-54-R on a PCB layout?
    • ⤷ How does the 'R' suffix specifically affect the ordering code for this part?
    • ⤷ What are the recommended reflow soldering profiles for this component?