전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RDB152S

  • AI
    ## Detailed Overview of the RDB152S The **RDB152S** is an electronic component categorized as a **Surface Mount Bridge Rectifier**. Its primary function is to convert Alternating Current (AC) into Direct Current (DC) within a compact electronic circuit. --- ### 1. Key Technical Specifications The following table highlights the critical electrical characteristics of the RDB152S: | Parameter | Symbol | Value | Unit | | :--- | :---: | :---: | :---: | | Maximum Recurrent Peak Reverse Voltage | $V_{RRM}$ | 200 | Volts | | Maximum RMS Voltage | $V_{RMS}$ | 140 | Volts | | Maximum DC Blocking Voltage | $V_{DC}$ | 200 | Volts | | Maximum Average Forward Rectified Current | $I_{F(AV)}$ | 1.5 | Amperes | | Peak Forward Surge Current (8.3ms) | $I_{FSM}$ | 50 | Amperes | | Maximum Forward Voltage (per diode) | $V_F$ | 1.1 | Volts | | Operating Temperature Range | $T_J$ | -55 to +150 | °C | --- ### 2. Functional Description The RDB152S consists of four silicon diodes connected in a **bridge configuration** (Graetz circuit). This allows it to utilize both halves of the AC input cycle, providing a full-wave rectified output. * **Fast Recovery:** The "RDB" series often features faster switching times compared to standard bridge rectifiers, reducing power loss during high-frequency operation. * **Package Type:** It usually comes in a **DBS** or **DBL** surface-mount package, which is designed for automated assembly and space-saving on Printed Circuit Boards (PCBs). --- ### 3. Pin Configuration The device has four leads, typically marked on the body: 1. **AC (~):** Input for the alternating current. 2. **AC (~):** Second input for the alternating current. 3. **Positive (+):** Rectified DC output (Cathode side). 4. **Negative (-):** Rectified DC return (Anode side). --- ### 4. Common Applications Due to its 1.5A current rating and 200V capacity, the RDB152S is frequently found in: * **AC/DC Adapters:** Small power bricks for electronics. * **LED Lighting:** Drivers that convert mains power to usable DC for LEDs. * **Battery Chargers:** Initial rectification stage for charging circuits. * **Consumer Electronics:** Power supplies for routers, modems, and small appliances. ---
    ✨ Follow-up Questions
    • ⤷What are the differences between the RDB152S and the RDB157S?
    • ⤷ How does the 'Fast Recovery' feature impact circuit efficiency?
    • ⤷ What is the recommended PCB footprint for the DBS package?