전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • REB-51-R

  • AI
    The **REB-51-R** is an Electronic Component (specifically a Relay) manufactured by **Relay Specialties** or similar industrial control providers. It is part of a series typically used for heavy-duty power switching and industrial automation. --- ### 1. General Specifications The REB-51-R is categorized as a **Heavy Duty Power Relay**. Below is a summary of its typical electronic characteristics: | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | Electromechanical Relay | | **Mounting Type** | Panel Mount / Socket Mount | | **Contact Configuration** | SPDT (1 Form C) or DPDT (2 Form C) | | **Coil Voltage** | Usually 120VAC or 240VAC (Check suffix) | | **Contact Rating** | 20A to 30A @ 240VAC | | **Termination** | Screw Terminals or Quick-Connect Tabs | --- ### 2. Internal Electronic Structure The device consists of three primary electronic sections: 1. **The Coil (Input):** This is the electromagnetic part. When current flows through the coil, it creates a magnetic field. In the REB-51-R, this is usually designed for AC operation, often featuring a copper shading ring to prevent "chatter" or humming. 2. **The Armature:** A mechanical linkage moved by the coil’s magnetic field. 3. **The Contacts (Output):** High-conductivity alloy (often Silver Cadmium Oxide) designed to handle high inrush currents from motors or heaters without welding shut. --- ### 3. Common Applications Due to its robust build, the REB-51-R is used in environments where standard PCB relays would fail: * **HVAC Systems:** Controlling compressors and blower motors. * **Industrial Heaters:** Switching resistive loads. * **Lighting Control:** Managing large banks of discharge lamps. * **Motor Starters:** Acting as a secondary control for small motors. --- ### 4. Wiring Diagram (Conceptual) ```text [ Coil ] (A1)---(A2) | | [Voltage Source] [ Contacts ] (COM)----(NO) <-- Circuit closes when energized (COM)----(NC) <-- Circuit opens when energized ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage for your REB-51-R unit?
    • ⤷ Do you need the cross-reference for a replacement part?
    • ⤷ Are you looking for the terminal pin-out diagram?