전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • REBS-0G-R

  • AI
    The **REBS-0G-R** is an electronic component primarily classified as a **Switching Power Supply Accessory**, specifically a terminal block or terminal cover accessory used in high-efficiency industrial power supplies. --- ## 1. Component Overview The REBS series is often associated with **Cosel** or similar high-reliability industrial power supply manufacturers. These parts are designed to facilitate safe and secure electrical connections in environments where vibration and safety are critical. ### Key Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Terminal Block / Connector Accessory | | **Material** | High-durability flame-retardant plastic / Brass Alloy | | **RoHS Status** | Compliant (Lead-free) | | **Application** | AC-DC Power Supplies / Industrial Controls | | **Mounting Type** | Screw-down / Chassis Mount | --- ## 2. Electronic Functionality While the REBS-0G-R is a passive mechanical-electronic interface, its design serves three critical electronic functions: 1. **Current Distribution:** Ensures low-resistance contact for high-current throughput, minimizing heat generation at the connection point. 2. **Isolation:** Provides a dielectric barrier between high-voltage input (AC) and low-voltage output (DC) terminals to prevent arcing. 3. **Strain Relief:** Protects the internal PCB (Printed Circuit Board) of the power supply from physical stress applied to the external wiring. --- ## 3. Installation and Connection The "0G-R" suffix typically refers to specific plating or mounting configurations. * **Wiring:** Usually accommodates 18-12 AWG wire depending on the specific power supply model. * **Torque Requirements:** Proper installation requires specific torque (often 0.8 N·m to 1.2 N·m) to ensure the electronic connection does not loosen due to thermal expansion. --- ## 4. Usage Example In a standard industrial setup, the REBS-0G-R would be found on the input/output interface of a DIN-rail or enclosed power supply. ```yaml System: Industrial PLC Cabinet Component: Power Supply (Cosel REB series) Accessory: REBS-0G-R Function: Interface between 220V AC Grid and 24V DC Internal Rail ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the REBS-0G-R terminal?
    • ⤷ Is this part compatible with all Cosel power supply series?
    • ⤷ What are the recommended wire gauges for this specific connector?