전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • REBS-4F-R

  • AI
    ## Technical Overview: REBS-4F-R The **REBS-4F-R** is a specialized electronic component, typically categorized as a **Solid State Relay (SSR) Module** or a **Relay Board** used primarily in industrial automation and power control systems. It is designed to interface between low-power control signals (like a PLC or microcontroller) and high-power loads. --- ### 1. Key Technical Specifications The "4F" in the model name usually indicates a **4-channel** configuration, allowing the independent control of four separate electrical circuits. | Feature | Specification (Typical) | | :--- | :--- | | **Number of Channels** | 4 Channels | | **Input Type** | DC Voltage (typically 5V, 12V, or 24V DC) | | **Output Type** | AC or DC (depending on the internal relay type) | | **Mounting Type** | DIN Rail Mount | | **Indicator** | LED status per channel | | **Protection** | Reverse polarity and surge protection | --- ### 2. Internal Electronic Components The REBS-4F-R consists of several critical electronic sub-assemblies to ensure safe and efficient switching: 1. **Optocouplers (Isolation):** * Provides galvanic isolation between the input (control) side and the output (load) side. * Protects sensitive logic controllers from high-voltage spikes on the load side. 2. **Relay Units:** * Can be **Electromechanical Relays** (for high current/audible click) or **Solid State Relays** (for high-speed switching and longevity). 3. **Flyback Diodes:** * Used to dissipate the back-EMF (electromotive force) generated when the relay coil is de-energized, preventing damage to the driving transistors. 4. **LED Indicators:** * Visual diagnostics to show which specific channel is currently active (closed). 5. **Terminal Blocks:** * Screw-type connectors designed for secure industrial wiring. --- ### 3. Connection Logic Example Below is a conceptual representation of how a single channel on the REBS-4F-R is interfaced. ```python # Pseudo-logic for driving the REBS-4F-R via a Microcontroller import RPi.GPIO as GPIO RELAY_PIN_1 = 18 GPIO.setmode(GPIO.BCM) GPIO.setup(RELAY_PIN_1, GPIO.OUT) # Turn ON Load connected to Channel 1 GPIO.output(RELAY_PIN_1, GPIO.HIGH) # Turn OFF Load GPIO.output(RELAY_PIN_1, GPIO.LOW) ``` --- ### 4. Common Applications * **PLC Expansion:** Increasing the number of outputs a Programmable Logic Controller can handle. * **Motor Control:** Small AC/DC motor starting/stopping. * **Solenoid Actuation:** Controlling pneumatic or hydraulic valves in manufacturing lines. * **Lighting Systems:** Automated building lighting control.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per channel for the REBS-4F-R?
    • ⤷ Does this model support PWM (Pulse Width Modulation) for dimming applications?
    • ⤷ What are the specific input voltage requirements for the control signal?